Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A371-24NS Datasheet(PDF) 8 Page - Agere Systems

Part # A371-24NS
Description  A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

A371-24NS Datasheet(HTML) 8 Page - Agere Systems

  A371-24NS Datasheet HTML 1Page - Agere Systems A371-24NS Datasheet HTML 2Page - Agere Systems A371-24NS Datasheet HTML 3Page - Agere Systems A371-24NS Datasheet HTML 4Page - Agere Systems A371-24NS Datasheet HTML 5Page - Agere Systems A371-24NS Datasheet HTML 6Page - Agere Systems A371-24NS Datasheet HTML 7Page - Agere Systems A371-24NS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A371-Type Analog Uncooled Isolated
Data Sheet
DFB
FastLight Laser Module
January 1999
For additional information, contact your Microelectronics Group Account Manager or the following:
INTERNET:
http://www.lucent.com/micro, or for Optoelectronics information, http://www.lucent.com/micro/opto
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Microelectronics Group, Lucent Technologies Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18103
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Microelectronics Group, Lucent Technologies Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Microelectronics Group, Lucent Technologies (China) Co., Ltd., A-F2, 23/F, Zao Fong Universe Building, 1800 Zhong Shan Xi Road,
Shanghai 200233 P. R. China Tel. (86) 21 6440 0468, ext. 316, FAX (86) 21 6440 0652
JAPAN:
Microelectronics Group, Lucent Technologies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: MICROELECTRONICS GROUP DATALINE: Tel. (44) 1189 324 299, FAX (44) 1189 328 148
Technical Inquiries: OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK)
Lucent Technologies Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No
rights under any patent accompany the sale of any such product(s) or information.
FastLight is a trademark of Lucent Technologies Inc.
Copyright © 1999 Lucent Technologies Inc.
All Rights Reserved
January 1999
DS99-035LWP (Replaces DS98-433LWP)
Ordering Information
Table 5. Ordering Information
Device Code
Comcode
Pfiber
Connector
Performance
Option
A371-20AS
108053307
2.0 mW
SC-PC
Single Isolator
A371-20BS
108173956
2.0 mW
SC-APC
Single Isolator
A371-20FS
108120445
2.0 mW
FC-PC
Single Isolator
A371-20GS
108130444
2.0 mW
FC-APC
Single Isolator
A371-20NS
108043522
2.0 mW
none
Single Isolator
A371-22AD
108348699
2.0 mW
SC-PC
Double Isolator
A371-22BD
108348707
2.0 mW
SC-APC
Double Isolator
A371-22FD
108348715
2.0 mW
FC-PC
Double Isolator
A371-22GD
108348723
2.0 mW
FC-APC
Double Isolator
A371-22ND
108348731
2.0 mW
none
Double Isolator
A371-24AS
108401019
2.0 mW
SC-PC
Low Performance
A371-24BS
108401027
2.0 mW
SC-APC
Low Performance
A371-24FS
108401035
2.0 mW
FC-PC
Low Performance
A371-24GS
108401043
2.0 mW
FC-APC
Low Performance
A371-24NS
108401050
2.0 mW
none
Low Performance


Similar Part No. - A371-24NS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A3715FSAAA1 DBLECTRO-A3715FSAAA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAA2 DBLECTRO-A3715FSAAA2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB1 DBLECTRO-A3715FSAAB1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB2 DBLECTRO-A3715FSAAB2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSABA1 DBLECTRO-A3715FSABA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
More results

Similar Description - A371-24NS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com