Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A371-24GS Datasheet(PDF) 7 Page - Agere Systems

Part # A371-24GS
Description  A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

A371-24GS Datasheet(HTML) 7 Page - Agere Systems

  A371-24GS Datasheet HTML 1Page - Agere Systems A371-24GS Datasheet HTML 2Page - Agere Systems A371-24GS Datasheet HTML 3Page - Agere Systems A371-24GS Datasheet HTML 4Page - Agere Systems A371-24GS Datasheet HTML 5Page - Agere Systems A371-24GS Datasheet HTML 6Page - Agere Systems A371-24GS Datasheet HTML 7Page - Agere Systems A371-24GS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
A371-Type Analog Uncooled Isolated
January 1999
DFB
FastLight Laser Module
7
Lucent Technologies Inc.
Laser Safety Information
Class IIIb Laser Product
This product complies with 21 CFR 1040.10 and 1040.11.
8.3
µm single-mode pigtail or connector
Wavelength = 1.3
µm
Maximum power = 10 mW
Because of size constraints, laser safety labeling is not affixed to the module but attached to the outside of the
shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
DANGER
INVISIBLE RADIATION IS EMITTED FROM THE END OF THE FIBER OR CONNECTOR.
AVOID DIRECT EXPOSURE TO THE BEAM.
DO NOT VIEW WITH OPTICAL INSTRUMENTS.
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT EXPOSURE TO BEAM.
Indium Gallium Arsenide Phosphide Laser
10 mW max. Output @ 1.3 µm
Class IIIb Laser Product
Complies with 21 CFR 1040.10 and 1040.11
µm


Similar Part No. - A371-24GS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A3715FSAAA1 DBLECTRO-A3715FSAAA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAA2 DBLECTRO-A3715FSAAA2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB1 DBLECTRO-A3715FSAAB1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB2 DBLECTRO-A3715FSAAB2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSABA1 DBLECTRO-A3715FSABA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
More results

Similar Description - A371-24GS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com