Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A371-24GS Datasheet(PDF) 1 Page - Agere Systems

Part # A371-24GS
Description  A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

A371-24GS Datasheet(HTML) 1 Page - Agere Systems

  A371-24GS Datasheet HTML 1Page - Agere Systems A371-24GS Datasheet HTML 2Page - Agere Systems A371-24GS Datasheet HTML 3Page - Agere Systems A371-24GS Datasheet HTML 4Page - Agere Systems A371-24GS Datasheet HTML 5Page - Agere Systems A371-24GS Datasheet HTML 6Page - Agere Systems A371-24GS Datasheet HTML 7Page - Agere Systems A371-24GS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
January 1999
A371-Type Analog Uncooled Isolated
DFB
FastLight ™ Laser Module
The low-profile A371-Type Analog Laser Module is ideally
suited for CATV applications, particularly in systems where
long spans and superior reliability are the critical consider-
ations.
Features
s
Eight-pin package suitable for CATV applications
s
Narrow linewidth, distributed-feedback,
multiquantum-well (DFB-MQW)1.3
µm laser with
single-mode fiber pigtail
s
Wide operating temperature range:
–40
°C to +85 °C
s
Frequency range up to 1.0 GHz
s
No thermoelectric cooler required
s
Single- and double-isolated versions available
s
High output power: typically 2.0 mW peak power
coupled into single-mode fiber
s
Hermetically sealed active components
s
Internal back-facet monitor
s
Qualification program: Bellcore TA-983
Applications
s
Video and data applications
s
Downstream telephony and data
s
Return path systems
s
Mixed analog and digital modulation
s
Telecommunications
Benefits
s
Easily board mounted
s
Requires no lead bending
s
No additional heat sinks required
s
Pin compatible with industry-standard, 14-pin laser
module
s
Highly efficient DFB-MQW laser structure allows
for lower threshold and drive currents, and reduced
power consumption
s
High output power allows for longer system spans,
more fiber splits, and greater tolerance of fiber and
connector quality
s
Internal isolator minimizes spurious noise


Similar Part No. - A371-24GS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A3715FSAAA1 DBLECTRO-A3715FSAAA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAA2 DBLECTRO-A3715FSAAA2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB1 DBLECTRO-A3715FSAAB1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSAAB2 DBLECTRO-A3715FSAAB2 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
A3715FSABA1 DBLECTRO-A3715FSABA1 Datasheet
313Kb / 1P
   D-SUB IDC FEMALE (DUAL U-SLOT)
More results

Similar Description - A371-24GS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com