Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EWT801-S Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # EWT801-S
Description  Package: White PLCC2 White Color Technology: InGan/Gan
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

EWT801-S Datasheet(HTML) 5 Page - Seoul Semiconductor

  EWT801-S Datasheet HTML 1Page - Seoul Semiconductor EWT801-S Datasheet HTML 2Page - Seoul Semiconductor EWT801-S Datasheet HTML 3Page - Seoul Semiconductor EWT801-S Datasheet HTML 4Page - Seoul Semiconductor EWT801-S Datasheet HTML 5Page - Seoul Semiconductor EWT801-S Datasheet HTML 6Page - Seoul Semiconductor EWT801-S Datasheet HTML 7Page - Seoul Semiconductor EWT801-S Datasheet HTML 8Page - Seoul Semiconductor EWT801-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
5/ 21
EWT801-S
Rev. 04
Rev. 04
29. November. 2011
29. November. 2011
www.seoulsemicon.com
www.seoulsemicon.com
3. Electro-Optical characteristics
10-3/℃
-
-0.22
-
I
F =20mA
TCy
Temperature coefficient of Y
-10℃≤ T ≤ 100 ℃
10-3/℃
-
-0.20
-
I
F =20mA
TCx
Temperature coefficient of X
-10℃≤ T ≤ 100 ℃
mV/℃
-
-2.64
-
I
F =20mA
TCv
Temperature coefficient of VF
-10℃≤ T ≤ 100 ℃
lm/cd
3.1
3.0
I
F =20mA
Ω
Luminous Intensity Phi V / IV
/ W
-
180
-
I
F=20 mA
Rth JS
mlm
-
5040
-
I
F=20 mA
Φ
V
Luminous Flux
lm/W
-
74.1
-
I
F=20 mA
η
op
Optical Efficiency
deg.
-
120
-
I
F=20 mA
2θ
1/2
Viewing Angle *5
Y
-
-
0.31
I
F=20 mA
X
Color Coordinate *4
0.30
I
F=20 mA
/ W
-
360
-
I
F=20 mA
Rth JA
Thermal resistance *6
mcd
2240
1680
1120
I
F=20 mA
I
V
Luminous Intensity *3
V
4.0
3.4
2.7
I
F=20 mA
V
F
Forward Voltage*1*2
Unit
Max
Typ
Min
Condition
Symbol
Parameter
*1. A tolerance of ±0.05V on forward voltage measurements
*2. 99% yield of forward voltage is 2.8 ~ 3.8V
*3. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with
the mechanical axis of the LED package. Luminous Intensity Measurement allowance is ±10%
*4. Color difference between luminous flux and luminous intensity is Color difference : ± 0.01
*5 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
*6. Thermal resistance = Rth JA : Junction/ambient , Rth JS : Junction/solder point
Pad design for improved heat dissipation : Cu-area > Cu 16mm2 per pad, FR4, t=1.6mm


Similar Part No. - EWT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EWT801-SM SEOUL-EWT801-SM Datasheet
947Kb / 26P
   Applicable for automotive interior light
More results

Similar Description - EWT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
ELWT801-S SEOUL-ELWT801-S Datasheet
297Kb / 21P
   Package: White PLCC2 White Color View Angle: 120
EAT809-S SEOUL-EAT809-S Datasheet
902Kb / 25P
   White PLCC2 Amber Color
MSBT801G-YF SEOUL-MSBT801G-YF Datasheet
907Kb / 26P
   White PLCC2 Sky Blue Color
logo
List of Unclassifed Man...
QBLP670-IW-WW ETC1-QBLP670-IW-WW Datasheet
596Kb / 11P
   PLCC2 White LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S_11 Datasheet
646Kb / 17P
   White colored SMT package InGaN material
logo
DOMINANT Semiconductors
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
429Kb / 7P
   PLCC2 White SMD LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
   PLCC2 White SMD LED
CLM1C MARKTECH-CLM1C Datasheet
600Kb / 9P
   PLCC2 White SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com