Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM-1000 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TCM-1000
Description  1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TCM-1000 Datasheet(HTML) 2 Page - SL Power Electronics

  TCM-1000 Datasheet HTML 1Page - SL Power Electronics TCM-1000 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS: ALL MODELS
INPUT
AC Input: 180-264 Vac, 47-63 Hz internally fused 10 A.
Power Factor: 0.99 typical at full load. Meets EN61000-3.2.
Inrush: Limited by thermistor, 40 Ampere maximum (8ms), cold start.
Hold Up Time: 20 ms minimum after removal of power supply at full load.
Efficiency: 87% typical @ full load.
AC Power Fail: Provides TTL "O" 5 ms before output voltage goes out of regulation
band upon loss of AC power.
OUTPUT
Adjustability: User adjustable ±5% minimum.
Output: 48 V @ 20.8 Amp. (1000 W max.).
Line Regulation: ±0.2%
Load Regulation: ±2% (Slope Program) from 0 to 100% load changes.
Turn On Delay: 1 second typical.
Ripple & Noise: 0.5% p-p, measured at 20 MHz bandwidth.
Temperature Coefficient: 0.02% per degree C.
Stability: 0.1% over 8 hours, under constant line, load and ambient.
Transient Response: Output voltage returns to within 1% in less than 500 µs for a
50% load change. Peak transient does not exceed 3%.
Overload Protection: Electronic current limit, 120% maximum.
Overvoltage Protection: Protects load against power supply induced overvoltage.
Trip point is factory set so that output voltage cannot exceed 136% of nominal.
Requires AC input to be cycled to reset.
Remote Inhibit: Contact closure or TTL "0" turns off output.
DC Power Good: Provides a TTL "0" open collector when output is above 90% of
nominal Maximum pull-up voltage 30 Vdc; maximum sink current, 10 mA.
Redundancy: Built-in OR-ing diode, slope program current sharing, and DIN blade
connector provide "hot swap" and "N+1" capabilities. Current sharing remains
within 10% of the unit's full output rating given 0.2% initial accuracy in the
output voltage setting.
Current Sharing: As calibrated at factory, modules will share current within
10% of full rated load.
Reverse Voltage: Protected against reverse voltage up to twice output voltage rating.
(internal OR-ing diode.)
1000 WATTS
13.27”x 4.87”x 2.49”
TCM-1000
FUNCTION
LOCATION
NOTES
CONNECTOR
Output
Z12 D14 Z16 D18
(+) Polarity
Voltage
Z4 D6 Z8 D10
(-) Polarity
FUNCTION
LOCATION
NOTES
CONNECTOR
DC Power Good
Z20
Reference to
AC Power Fail
D22
Common
Inhibit
Z24
LOCATION
230 VAC
CONNECTOR
Z32
Line 1
D30
Line 2
Z28
Safety Ground
AC INPUT (180-264 VAC Continuous Range)
DC OUTPUT
Eurocard Connector -
Male DIN 41 612
Level 1- Type H
Eurocard Connector -
Male DIN 41 612
Level 1- Type H
Eurocard Connector -
Male DIN 41 612
Level 1- Type H
STATUS AND CONTROL
TCM-1000
5.2 lbs - 2.6 kgs
Dimensions:
Inches
Millimeters
ENVIRONMENTAL
Thermal Protection: Shuts down power supply if overheated. Automatic recovery.
Temperature Range: -20° to +60° C, full power, de-rate to 66% maximum power @ 71° C.
Safety Agencies: Approved to UL1950; CSA 22.2 #950; IEC 950 and TUV EN60950,
Class 1 SELV, CE 73/23/EEC//93/68/EEC (low voltage directive).
Conducted RFI: Meets FCC Part 15, Subpart J, Class A; EN55022 Class B;
and CISPR 22 Class B.
Output Isolation: Isolated from ground 100 Vdc.
Cooling: Self-cooled by internal ball-bearing fan.
OPTIONS
Option "R" - Rack Mount Panel: special panel that is required for rack mounting.
Consult factory for other available options.
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com


Similar Part No. - TCM-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM-3185 ETC1-TCM-3185 Datasheet
53Kb / 2P
   TM0127AAA6
TCM-3185-012 ETC1-TCM-3185-012 Datasheet
53Kb / 2P
   TM0127AAA6
TCM-500A ETC2-TCM-500A Datasheet
377Kb / 1P
   5MP Camera Module
TCM-BF537 ETC1-TCM-BF537 Datasheet
913Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
More results

Similar Description - TCM-1000

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PCI-200 SLPOWER-PCI-200 Datasheet
123Kb / 2P
   200 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
PCI-300 SLPOWER-PCI-300 Datasheet
116Kb / 2P
   300 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
logo
Phihong USA Inc.
PSF151-033C PHIHONG-PSF151-033C Datasheet
155Kb / 2P
   150W Power Factor Corrected Switchers
logo
RSG Electronic Componen...
PFC350 RSG-PFC350 Datasheet
220Kb / 3P
   350WATT POWER FACTOR CORRECTED SUPPLIES
PFC200 RSG-PFC200 Datasheet
180Kb / 2P
   200 WATT POWER FACTOR CORRECTED SUPPLIES
logo
Tumbler Technologies + ...
PFC350 TRUMPOWER-PFC350 Datasheet
173Kb / 3P
   350 WATT POWER FACTOR CORRECTED SUPPLIES
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com