Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-E128K32N-140P3T Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT-E128K32N-140P3T
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32N-140P3T Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT-E128K32N-140P3T Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32N-140P3T Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
4
Device Operation
The ACT-E128K32 is a high-performance
Electrically
Erasable
and
Programmable
Read Only Memory. It is composed of four 1
megabit memory chips and is organized as
131,072 by 32 bits. The device offers access
times of 120 to 300ns with power dissipation
of 1.375W. When the device is deselected,
the CMOS standby current is less than 5 mA.
The ACT-E128K32 is accessed like a Static
RAM for the read or write cycle without the
need for external components. The device
contains a 128-byte page register to allow
writing of up to 128 bytes simultaneously.
During a write cycle, the address and 1 to
128 bytes of data are internally latched,
freeing the address and data bus for other
operations. Following the initiation of a write
cycle, the device will automatically write the
latched data using an internal control timer.
The end of a write cycle can be detected by
DATA polling of I/O7. Once the end of a write
cycle has been detected a new access for a
read or write can begin.
Aeroflex’s
ACT-E128K32
has
additional
features
to
ensure
high
quality
and
manufacturability. The device utilizes internal
error correction for extended endurance and
improved data retention characteristics. An
optional software data protection mechanism
is available to guard against inadvertent
writes.
WRITE
A write cycle is initiated when OE is high and
a low pulse is on WE or CE with CE or WE
low.
The address is latched on the falling
edge of CE or WE whichever occurs last.
The data is latched by the rising edge of CE
or WE, whichever occurs first. A byte write
operation
will
automatically
continue
to
completion.
WRITE CYCLE TIMING
Figures 2 and 3 show the write cycle timing
relationships.
A write cycle begins with
address application, write enable and chip
enable.
Chip enable is accomplished by
placing the CE line low.
Write enable
consists of setting the WE line low. The write
cycle begins when the last of either CE or
WE goes low.
The WE line transition from high to low also
initiates an internal delay timer to permit
page mode operation. Each subsequent WE
transition from high to low that occurs before
the completion of the
tBLC time out will restart
the timer from zero.
The operation of the
timer is the same as a retriggable one-shot.
READ
The
ACT-E128K32
stores
data
at
the
memory location determined by the address
pins. When CE and OE are low and WE is
high, this data is present on the outputs.
When CE and OE are high, the outputs are in
a high impedance state. This two line control
prevents bus contention.
DATA POLLING
The ACT-E128K32 offers a data polling
feature which allows a faster method of
writing to the device.
Figure 5 shows the
timing diagram for this function.
During a
byte or page write cycle, an attempted read
of the last byte written will result in the
complement of the written data on I/O7 (For
each Chip). Once the write cycle has been
completed, true data is valid on all outputs
and the next cycle may begin. Data polling
may begin at any time during the write cycle.
PAGE WRITE OPERATION
The
ACT-E128K32
has
a
page
write
operation that allows one to 128 bytes of data
to
be
written
into
the
device
and
consecutively
loads
during
the
internal
programming period. Successive bytes may
be loaded in the same manner after the first
data byte has been loaded. An internal timer
begins a time out operation at each write
cycle.
If another write cycle is completed
within
tBLC or less, a new time out period
begins. Each write cycle restarts the delay
period. The write cycles can be continued as
long as the interval is less than the time out
period.


Similar Part No. - ACT-E128K32N-140P3T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32N-140P3T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com