Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7810F060 Datasheet(PDF) 3 Page - Agere Systems

Part # 7810F060
Description  7810 Video Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

7810F060 Datasheet(HTML) 3 Page - Agere Systems

  7810F060 Datasheet HTML 1Page - Agere Systems 7810F060 Datasheet HTML 2Page - Agere Systems 7810F060 Datasheet HTML 3Page - Agere Systems 7810F060 Datasheet HTML 4Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Agere Systems Inc.
Preliminary Data Sheet
March 2001
7810 Video Receiver Module
Outline Diagram
Dimensions are in inches and (millimeters).
Pin Information
Table 3. Pin Descriptions
Pin No.
Description
1
15 V
2
12 V
3GND
4RF Out
5GND
6
PDI Monitor
7GND
8GND
9GND
1.65
0.16
FIBER LENGTH
FIBER BEND R 2.00
45.30
± 6.00 OR 23.6
± 0.8
0.06
0.32
6 x 0.23
0.30
0.84
0.96
0.62 REF
6 x 0.02
9 x
∅ 0.02
0.20
1.35
0.75
PIN 1
PIN 7
PIN 9
PIN 8
0.18
0.08
0.60 @ 0.10 CL
1.50
0.11
0.82
1-1235(F)


Similar Part No. - 7810F060

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
7810F FOSHAN-7810F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
More results

Similar Description - 7810F060

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Directed Energy, Inc.
PCO-7810 DEI-PCO-7810 Datasheet
172Kb / 2P
   PCO-7810 FIXED PULSE WIDTH LASER DIODE DRIVER MODULE
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
   RECEIVER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com