Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7046-30 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7046-30
Description  30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7046-30 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7046-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7046-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7046-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated
To 0.5 Watts Up To 40 GHz PE7046-30
URL:
http://www.pasternack.com/30db-fixed-2.92mm-male-2.92mm-female-0.5-watts-attenuator-pe7046-30-p.aspx
PE7046-30
PE7046-30 REV
30 dB Fixed Attenuator, 2.92mm Male To
2.92mm Female Passivated Stainless Steel
Body Rated To 0.5 Watts Up To 40 GHz


Similar Part No. - PE7046-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7046-30 PASTERNACK-PE7046-30 Datasheet
237Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-30 PASTERNACK-PE7046-30_16 Datasheet
237Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results

Similar Description - PE7046-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7046-6 PASTERNACK-PE7046-6 Datasheet
241Kb / 3P
   6 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-10 PASTERNACK-PE7046-10 Datasheet
240Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-20 PASTERNACK-PE7046-20 Datasheet
240Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-3 PASTERNACK-PE7046-3 Datasheet
241Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7024-30 PASTERNACK-PE7024-30 Datasheet
245Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 2 Watts Up To 26.5 GHz
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-10 PASTERNACK-PE7090-10 Datasheet
352Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-3 PASTERNACK-PE7090-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-15 PASTERNACK-PE7090-15 Datasheet
353Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com