Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-S512K8N-025F3Q Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT-S512K8N-025F3Q
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S512K8N-025F3Q Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT-S512K8N-025F3Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S512K8N-025F3Q Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Aeroflex Circuit Technology
SCD1664 REV C 5/10/00
Plainview NY (516) 694-6700
6
Pin Numbers & Functions
36 Pins — CSOJ
1
A0
19
NC
2
A1
20
A10
3
A2
21
A11
4
A3
22
A12
5
A4
23
A13
6
CE
24
A14
7
I/O0
25
I/O4
8
I/O1
26
I/O5
9
VCC
27
VCC
10
VSS
28
VSS
11
I/O2
29
I/O6
12
I/O3
30
I/O7
13
WE
31
OE
14
A5
32
A15
15
A6
33
A16
16
A7
34
A17
17
A8
35
A18
18
A9
36
NC
All dimensions in inches
Package Outline "F4" — .435" x .920" CSOJ, 36 Pins
.930
.050
Pin 1
MAX
.435
MAX
TYP
TYP
.850
.376
±.01
*.184
MAX
0.008
±.002
.050 ±.01
*.155 MAX thickness available, contact factory for details
.017 ±..002


Similar Part No. - ACT-S512K8N-025F3Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2C AEROFLEX-ACT-S512K32V-017F2C Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2I AEROFLEX-ACT-S512K32V-017F2I Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2M AEROFLEX-ACT-S512K32V-017F2M Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S512K32V-017F2Q AEROFLEX-ACT-S512K32V-017F2Q Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S512K8N-025F3Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com