Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2052A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C2052A
Description  HOOK-UP WIRE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2052A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C2052A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C2052A
Date:
7/13/2007
Revision Level:
2
1C 18 SOLID TC PVC INS
HOOK-UP WIRE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Print Legend:
#18 AWG Solid Tinned Copper
0.016" Wall Polyvinyl Chloride
0.040" nom.
CAROL 18 AWG RU AWM 80C VW-1 E18621-8 --- CSA LL69381 TR64 90C --- MADE IN USA
0.072" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
80C (1007) / 105C (1569) / 90C (TR-64)
300Vrms
6.77 Ohms/1000 ft nom
UL Subject 758
AWM Style 1007, 1569
CSA International
Type TR64
1
Contact Customer Service for Colors
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C2052A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2052.21.02 GENERAL-C2052.21.02 Datasheet
75Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20522101 GENERAL-C20522101 Datasheet
75Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20522102 GENERAL-C20522102 Datasheet
75Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20522105 GENERAL-C20522105 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
More results

Similar Description - C2052A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
   HOOK UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
   HOOK-UP WIRE
logo
Alpha Wire
3047 ALPHAWIRE-3047 Datasheet
2Mb / 49P
   Hook-Up Wire
logo
General Cable Technolog...
C2003A GENERAL-C2003A Datasheet
73Kb / 1P
   HOOK-UP WIRE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com