Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

980 Datasheet(PDF) 4 Page - Agere Systems

Part # 980
Description  980-Type Ultrahigh- Reliability Pump Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

980 Datasheet(HTML) 4 Page - Agere Systems

  980 Datasheet HTML 1Page - Agere Systems 980 Datasheet HTML 2Page - Agere Systems 980 Datasheet HTML 3Page - Agere Systems 980 Datasheet HTML 4Page - Agere Systems 980 Datasheet HTML 5Page - Agere Systems 980 Datasheet HTML 6Page - Agere Systems 980 Datasheet HTML 7Page - Agere Systems 980 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
980-Type Ultrahigh
Preliminary Data Sheet
Reliability Pump Laser Module
April 1999
4
Lucent Technologies Inc.
Absolute Maximum Ratings
The LPM will stay certified if it is operated at the maximum rating, for brief periods. Exposure to maximum ratings
for extended periods can adversely affect device reliability.
Characteristics
Table 2. Electrical Characteristics
Table 3. Optical Characteristics
* Depending on the exact requirements, there may be two codes (deep and shallow water) necessary.
Parameter
Symbol
Min
Max
Unit
Storage Temperature Range
Tstg
–20
60
°C
Operating Temperature Range
TOP
040
°C
Laser Reverse Voltage
VR
—2
V
Laser Forward Current
IF
400
mA
Laser Reverse Current
IREV
—50
µA
Fiber Output Power
PF
150
mW
PIN Monitor Reverse Voltage
VPIN
—40
V
PIN Monitor Forward Current
IFPIN
—2
mA
Pigtail Pull Force (Axial)
F
9
N
Pigtail Bend Radius
RP
25
mm
Shock
G
100
G
Vibration (10 Hz to 2000 Hz)
VIB
—5
G
Parameter
Symbol
Min
Max
EOL
Unit
Operating Voltage
(CW, 70 mW fiber output)
VOP
—2.2
2.2V
Operating Current
(CW, 70 mW fiber output)
IOP
100
200
≤250
mA
Monitor Reverse-Bias Voltage
VRMON
—40
V
Monitor Current I = IOP
IRMON
0.3
2.0
2.0
mA
Monitor Dark Current (VDET = –5 V)
ID
—25
mA
Parameter
Symbol
Min
Max
Unit
Optical Output Power Adjustment*
PO
15
70
mW
Kink Power
PK
85
mW
Center Wavelength
λc
974
984
nm
Power Tracking (over 25 °C interval)
∆POT—
0.6
dB
Weighted RMS Spectral Width
∆λRMS
—0.7
nm
Output Spectrum Side-mode Suppression
∆λSUPP
—20
dB
Optical Return Loss at Pigtail (1525 nm—1570 nm)
RL
13
dB
Reliability. Over 29 Years at the Max Operating
Conditions of Figure 2.
≤5% failures at ≤25 °C


Similar Part No. - 980

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
980 VCC-980 Datasheet
539Kb / 1P
   Dia Indicator Lights
logo
ITT Industries
980-0005-722 ITT-980-0005-722 Datasheet
9Mb / 301P
   D Subminiature Connectors
980-0005-722 ITT-980-0005-722 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
980-0008-135 ITT-980-0008-135 Datasheet
9Mb / 301P
   D Subminiature Connectors
980-0008-136 ITT-980-0008-136 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - 980

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
   980 nm LASER DIODE
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com