Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP120-AHAN1 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP120-AHAN1
Description  120 Watts Power Adapter High efficiency and reliability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP120-AHAN1 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP120-AHAN1 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
Temperature Range: Operating: 0°C ~ +40°C
Humidity: 80% on operating, 90% on storage
Average Efficiency: Efficiency Level V & ErP Teir 2
No Load Power Consumption: Less than 0.5W
Dimensions (LxWxH): 171x72x42mm
/6.73x2.83x1.65inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Connecter
Type
Connecter
Dc cable
Length (mm)
AD120AHAN1-J25R
12V
10A
Barrel 90°
2.5x5.5x11
1500
FSP120-AHAN1
(Efficiency Level V, RoHS Compliant)
120 Watts Power Adapter
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
High efficiency and reliability
Low noise and ripple
Output over voltage, short circuit, and over current
protection
Complies with FCC part 15, and CISPR 22 class B
Approved by CUL/UL60950-1 2
nd TUV EN60950-1 2nd,
CB 60950-1 2
nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - FSP120-AHAN1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP120-AHAN2 SPI-FSP120-AHAN2 Datasheet
47Kb / 1P
   Efficiency Level VI, RoHS Compliant
FSP120-AHAN2 SPI-FSP120-AHAN2 Datasheet
609Kb / 5P
   AC-DC POWER SUPPLY
FSP120-AHAN3 SPI-FSP120-AHAN3 Datasheet
735Kb / 6P
   AC-DC POWER SUPPLY
More results

Similar Description - FSP120-AHAN1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP120-ACA SPI-FSP120-ACA Datasheet
54Kb / 1P
   120 Watts Power Adapter High efficiency and reliability
FSP120-AAA SPI-FSP120-AAA Datasheet
109Kb / 1P
   120 Watts Power Adapter High efficiency and reliability
FSP120-AAB SPI-FSP120-AAB Datasheet
64Kb / 1P
   120 Watts Power Adapter High efficiency and reliability
FSP025-DGAA1 SPI-FSP025-DGAA1 Datasheet
62Kb / 1P
   25 Watts Power Adapter High efficiency and reliability
FSP040-DGAA1 SPI-FSP040-DGAA1 Datasheet
62Kb / 1P
   40 Watts Power Adapter High efficiency and reliability
FSP150-ABAN1 SPI-FSP150-ABAN1 Datasheet
97Kb / 1P
   150 Watts Power Adapter High efficiency and reliability
FSP150-ABBN1 SPI-FSP150-ABBN1 Datasheet
74Kb / 1P
   150 Watts Power Adapter High efficiency and reliability
FSP015-DYAA1 SPI-FSP015-DYAA1 Datasheet
64Kb / 1P
   15 Watts Power Adapter High efficiency and reliability
FSP040-RAC-SPEC SPI-FSP040-RAC-SPEC Datasheet
53Kb / 1P
   40 Watts Power Adapter High efficiency and reliability
FSP060-DBAE1 SPI-FSP060-DBAE1 Datasheet
54Kb / 1P
   60 Watts Power Adapter High efficiency and reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com