Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-F512K8N-090F6Q Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT-F512K8N-090F6Q
Description  ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F512K8N-090F6Q Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button ACT-F512K8N-090F6Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-F512K8N-090F6Q Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Aeroflex Circuit Technology
SCD1668 REV A 4/28/98
Plainview NY (516) 694-6700
7
its control register architecture, alteration of the memory
content only occurs after successful completion of spe-
cific multi-bus cycle command sequences.
The device also incorporates several features to prevent
inadvertent write cycles resulting from Vcc power-up and
power-down transitions or system noise.
LOW Vcc WRITE INHIBIT
To avoid initiation of a write cycle during Vcc power-up
and power-down, a write cycle is locked out for VCC less
than 3.2V (typically 3.7V). If VCC < VLKO, the command
register is disabled and all internal program/erase cir-
cuits are disabled. Under this condition the device will
reset to read mode. Subsequent writes will be ignored
until the Vcc level is greater than VLKO. It is the users
responsibility to ensure that the control pins are logically
correct to prevent unintentional writes when Vcc is above
3.2V.
WRITE PULSE GLITCH PROTECTION
Noise pulses of less than 5ns (typical) on OE, CE or WE
will not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding anyone of OE = VIL, CE =
VIH or WE = VIH. To initiate a write cycle CE and WE
must be logical zero while OE is a logical one.
POWER-UP WRITE INHIBIT
Power-up of the device with WE = CE = VIL and OE =
VIH will not accept commands on the rising edge of WE.
The internal state machine is automatically reset to the
read mode on power-up.
Write Operation Status
D7
DATA POLLING
The ACT-F512K8 features Data Polling as a method to
indicate to the host that the internal algorithms are in
progress or completed. During the program algorithm, an
attempt to read the device will produce compliment data
of the data last written to D7. During the erase algorithm,
an attempt to read the device will produce a "0" at the D7
Output. Upon completion of the erase algorithm an
attempt to read the device will produce a "1" at the D7
Output.
For chip Erase, the Data Polling is valid after the rising
edge of the sixth WE pulse in the six write pulse
sequence. For sector erase, the Data Polling is valid after
the last rising edge of the sector erase WE pulse. Data
polling must be performed at a sector address within any
of the sectors being erased and not a protected sector.
Otherwise, the status may not be valid. Once the algo-
rithm operation is close to being completed, data pins
(D7) change asynchronously while the output enable
(OE) is asserted low. This means that the device is driv-
ing status information on D7 at one instance of time and
then that byte's valid data at the next instant of time.
Depending on when the system samples the D7 Output,
it may read the status or valid data. Even if the device
has completed internal algorithm operation and D7 has a
valid data, the data outputs on D0 - D6 may be still
invalid. The valid data on D0- D7 will be read on the suc-
cessive read attempts. The Data Polling feature is only
active during the programming algorithm, erase algo-
rithm, or sector erase time-out.
See Figures 6 and 10 for the Data Polling specifications.
D6
TOGGLE BIT
The ACT–F512K8 also features the "Toggle Bit" as a
method to indicate to the host system that algorithms are
in progress or completed.
During a program or erase algorithm cycle, successive
attempts to read data from the device will result in D6
toggling between one and zero. Once the program or
erase algorithm cycle is completed, D6 Will stop toggling
and valid data will be read on successive attempts. Dur-
ing programming the Toggle Bit is valid after the rising
edge of the fourth WE pulse in the four write pulse
sequence. For chip erase the Toggle Bit is valid after the
rising edge of the sixth WE pulse in the six write pulse
sequence. For Sector erase, the Toggle Bit is valid after
the last rising edge of the sector erase WE pulse. The
Toggle Bit is active during the sector time out.
See Figure 1 and 5.
D5
EXCEEDED TIMING LIMITS
D5 will indicate if the program or erase time has
exceeded the specified limits. Under these conditions
D5 will produce a "1". The Program or erase cycle was
not successfully completed.
Data Polling is the only
operation function of the device under this condition.
The CE circuit will partially power down the device under
these conditions by approximately 2 mA. The OE and
WE pins will control the output disable functions as
shown in Table 1. To reset the device, write the reset
command sequence to the device. This allows the sys-
tem to continue to use the other active sectors in the
device.
D3
SECTOR ERASE TIMER
After the completion of the initial sector erase command
sequence the sector erase time-out will begin. D3 will
remain low until the time-out is complete. Data Polling
and Toggle Bit are valid after the initial sector erase com-
mand sequence.


Similar Part No. - ACT-F512K8N-090F6Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F512K32N-060F5C AEROFLEX-ACT-F512K32N-060F5C Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5I AEROFLEX-ACT-F512K32N-060F5I Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5M AEROFLEX-ACT-F512K32N-060F5M Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5Q AEROFLEX-ACT-F512K32N-060F5Q Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5T AEROFLEX-ACT-F512K32N-060F5T Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F512K8N-090F6Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com