Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX32X0-1E Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # AX32X0-1E
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX32X0-1E Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button AX32X0-1E Datasheet HTML 2Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 3Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 4Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 5Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 6Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 7Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 8Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 9Page - Seoul Semiconductor AX32X0-1E Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
6
Document No. : SSC-QP-7-07-24 (Rev.00)
Tolerance
Color coordinate : ± 0.005
CCT : ±5% of value
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y CCT(K)
CCT(K)
CCT(K)
CCT(K) Bin
Bin
Bin
Bin CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y CCT(K)
CCT(K)
CCT(K)
CCT(K) Bin
Bin
Bin
Bin CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K) Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y CCT(K)
CCT(K)
CCT(K)
CCT(K)
0.2910
0.3093
0.3028
0.3304
0.3200
0.3572
0.3381
0.3740
0.2930
0.3037
0.3041
0.3240
0.3207
0.3462
0.3470
0.3810
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.2976
0.3166
0.3115
0.3393
0.3290
0.3656
0.3376
0.3616
0.2930
0.3037
0.3041
0.3240
0.3207
0.3462
0.3376
0.3616
0.2950
0.2980
0.3055
0.3177
0.3212
0.3389
0.3373
0.3534
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.2950
0.2980
0.3055
0.3177
0.3212
0.3389
0.3373
0.3534
0.2969
0.2919
0.3068
0.3113
0.3217
0.3316
0.3369
0.3451
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.2969
0.2919
0.3068
0.3113
0.3217
0.3316
0.3369
0.3451
0.2988
0.2860
0.3082
0.3046
0.3222
0.3243
0.3366
0.3369
0.3042
0.2922
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.2959
0.3227
0.3082
0.3046
0.3222
0.3243
0.3366
0.3369
0.2976
0.3166
0.3096
0.2980
0.3226
0.3178
0.3364
0.3288
0.3041
0.3240
0.3164
0.3046
0.3295
0.3234
0.3433
0.3345
0.3028
0.3304
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.2976
0.3166
0.3115
0.3393
0.3290
0.3656
0.3470
0.3810
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3572
0.3891
0.3055
0.3177
0.3210
0.3408
0.3376
0.3616
0.3552
0.3760
0.3041
0.3240
0.3205
0.3481
0.3381
0.3740
0.3463
0.3687
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.3068
0.3113
0.3216
0.3334
0.3373
0.3534
0.3539
0.3669
0.3055
0.3177
0.3210
0.3408
0.3376
0.3616
0.3552
0.3760
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3082
0.3046
0.3221
0.3261
0.3369
0.3451
0.3526
0.3578
0.3068
0.3113
0.3216
0.3334
0.3373
0.3534
0.3539
0.3669
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3042
0.2922
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3096
0.2980
0.3225
0.3190
0.3366
0.3369
0.3514
0.3487
0.3082
0.3046
0.3221
0.3261
0.3369
0.3451
0.3526
0.3578
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3164
0.3046
0.3295
0.3234
0.3433
0.3345
0.3230
0.3110
0.3364
0.3288
0.3500
0.3400
0.3225
0.3190
0.3366
0.3369
0.3514
0.3487
5000~
4700K
5600~
5300K
5300~
5000K
5300~
5000K
5300~
5000K
5300~
5000K
5300~
5000K
5000~
4700K
5000~
4700K
5000~
4700K
5000~
4700K
6500~
6000K
6000~
5600K
6000~
5600K
6000~
5600K
6000~
5600K
6000~
5600K
5600~
5300K
5600~
5300K
5600~
5300K
5600~
5300K
7000~
6500K
7000~
6500K
7000~
6500K
7000~
6500K
7000~
6500K
6500~
6000K
6500~
6000K
6500~
6000K
6500~
6000K
7600~
7000K
7600~
7000K
7600~
7000K
7600~
7000K
8200~
7600K
8200~
7600K
8200~
7600K
8200~
7600K
Z 6
Z 6
Z 6
Z 6
Z 1
Z 1
Z 1
Z 1
B6
B6
B6
B6
A8
A8
A8
A8
7600~
7000K
Z 7
Z 7
Z 7
Z 7
A5
A5
A5
A5
Z 5
Z 5
Z 5
Z 5
A3
A3
A3
A3
Z 9
Z 9
Z 9
Z 9
A7
A7
A7
A7
Z 2
Z 2
Z 2
Z 2
A0
A0
A0
A0
Z 4
Z 4
Z 4
Z 4
A2
A2
A2
A2
B8
B8
B8
B8
Z 8
Z 8
Z 8
Z 8
A6
A6
A6
A6
Z 3
Z 3
Z 3
Z 3
A1
A1
A1
A1
C8
C8
C8
C8
B0
B0
B0
B0
C0
C0
C0
C0
C2
C2
C2
C2
B4
B4
B4
B4
C4
C4
C4
C4
B2
B2
B2
B2
A4
A4
A4
A4
B1
B1
B1
B1
C1
C1
C1
C1
B9
B9
B9
B9
C9
C9
C9
C9
A9
A9
A9
A9
B7
B7
B7
B7
C7
C7
C7
C7
B3
B3
B3
B3
C3
C3
C3
C3
C6
C6
C6
C6
B5
B5
B5
B5
C5
C5
C5
C5
2. Pure White CIE
Pure white product tested and binned by x,y coordinates and CCT
- A3 Pure white bin structure
Example
BIN CODE : X2
A0C
Color bin


Similar Part No. - AX32X0-1E

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0 Datasheet
673Kb / 22P
   compliantFeaturesApplications?ъ쭊Acriche series
More results

Similar Description - AX32X0-1E

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com