Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1345FMPC Datasheet(PDF) 8 Page - Agere Systems

Part # 1345FMPC
Description  1345-Type Receiver with Clock Recovery and Data Retiming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1345FMPC Datasheet(HTML) 8 Page - Agere Systems

Back Button 1345FMPC Datasheet HTML 4Page - Agere Systems 1345FMPC Datasheet HTML 5Page - Agere Systems 1345FMPC Datasheet HTML 6Page - Agere Systems 1345FMPC Datasheet HTML 7Page - Agere Systems 1345FMPC Datasheet HTML 8Page - Agere Systems 1345FMPC Datasheet HTML 9Page - Agere Systems 1345FMPC Datasheet HTML 10Page - Agere Systems 1345FMPC Datasheet HTML 11Page - Agere Systems 1345FMPC Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Agere Systems Inc.
1345-Type Receiver with
Data Sheet
Clock Recovery and Data Retiming
January 2000
PWB Layout Guidelines
s
Follow high-speed ECL design rules.
s
All high-speed output lines must be controlled-impedance lines, and the termination impedance must match
the line impedance. Controlled-impedance interruptions should be avoided (i.e., 90° bends, etc.) and paired lines
(i.e., DATA and DATA) should be of equal length.
s
Each output line should be terminated at the end of the line and must have a bypass capacitor on the voltage
side of the resistor for each termination.
s
Data and clock output lines should be as short and as straight as possible and isolated from noise sources (and
each other) to prevent noise from feeding back into the receiver.
s
Noise that couples into the receiver through the power supply pins can degrade device performance. See
Figure 2 for an example of power supply filtering for the receiver 5 V power supply pins.
s
Use a multilayer board so that the ground plane surrounds the areas occupied by the receiver and directly under-
neath it. Directly attach all pins listed as ground pins to the ground plane with no additional lead length.
All unused outputs must be terminated as shown. All resistors are 1/8 W, thin-film, ceramic chips. All capacitors are
25 Vdc, ceramic X7R or equivalent.
Qualification and Reliability
To help ensure high product reliability and customer satisfaction, Agere Systems is committed to an intensive qual-
ity program that starts in the design phase and proceeds through the manufacturing process. Optoelectronics mod-
ules are qualified to Agere Systems internal standards using MIL-STD-883 test methods and procedures and using
sampling techniques consistent with
Telcordia Technologies requirements. The 1345 series of receivers have
undergone an extensive and rigorous set of qualification tests. This qualification program fully meets the intent of
Telcordia Technologies reliability practices TR-NWT-000468 and TA-NWT-000983. In addition, the design, develop-
ment, and manufacturing facility of the Optoelectronics unit at Agere Systems is certified to be in full compliance
with the latest
ISO ®-9001 Quality System Standards.


Similar Part No. - 1345FMPC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1345F BELDEN-1345F Datasheet
168Kb / 3P
   Fieldbus, 2 C #1518 Str TC, PVC-NYL&FEP Ins, ISOA TC Brd, TPE Jkt,High Flex
05-05-2023
1345FT5U1000 BELDEN-1345FT5U1000 Datasheet
168Kb / 3P
   Fieldbus, 2 C #1518 Str TC, PVC-NYL&FEP Ins, ISOA TC Brd, TPE Jkt,High Flex
05-05-2023
More results

Similar Description - 1345FMPC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_15 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com