Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-F1288N-060P7M Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT-F1288N-060P7M
Description  ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F1288N-060P7M Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT-F1288N-060P7M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F1288N-060P7M Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Aeroflex Circuit Technology
SCD1676 REV A 5/6/98
Plainview NY (516) 694-6700
4
AC Characteristics – Read Only Operations
(Vcc = 5.0V, Vss = 0V, Tc = -55°C to +125°C)
Parameter
Symbol
JEDEC Stand’d
–60
Min Max
–70
Min Max
–90
Min Max
–120
Min Max
–150
Min Max
Units
Read Cycle Time
tAVAV
tRC
60
70
90
120
150
ns
Address Access Time
tAVQV
tACC
60
70
90
120
150
ns
Chip Enable Access Time
tELQV
tCE
60
70
90
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
30
35
40
50
55
ns
Chip Enable to Output High Z (1)
tEHQZ
tDF
20
20
25
30
35
ns
Output Enable High to Output High Z(1)
tGHQZ
tDF
20
20
25
30
35
ns
Output Hold from Address, CE or OE Change, Whichever is First
tAXQX
tOH
0
0
0
0
0
ns
Note 1. Guaranteed by design, but not tested
AC Characteristics – Write/Erase/Program Operations, WE Controlled
(Vcc = 5.0V, Vss = 0V, Tc = -55°C to +125°C)
Parameter
Symbol
JEDEC Stand’d
–60
Min Max
–70
Min Max
–90
Min Max
–120
Min Max
–150
Min Max
Units
Write Cycle Time
tAVAC
tWC
60
70
90
120
150
ns
Chip Enable Setup Time
tELWL
tCE
0
0
0
0
0
ns
Write Enable Pulse Width
tWLWH
tWP
30
35
45
50
50
ns
Address Setup Time
tAVWL
tAS
0
0
0
0
0
ns
Data Setup Time
tDVWH
tDS
30
30
45
50
50
ns
Data Hold Time
tWHDX
tDH
0
0
0
0
0
ns
Address Hold Time
tWLAX
tAH
45
45
45
50
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
20
20
ns
Duration of Byte Programming Operation
Typ = 16 µs
tWHWH1
14
TYP
14
TYP
14
TYP
14
TYP
14
TYP
µs
Sector Erase Time
tWHWH2
60
60
60
60
60
Sec
Read Recovery Time before Write
tGHWL
0
0
0
0
0
µs
Vcc Setup Time
tVCE
50
50
50
50
50
µs
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
Sec
Chip Erase Time
tWHWH3
120
120
120
120
120
Sec
AC Characteristics – Write/Erase/Program Operations, CE Controlled
(Vcc = 5.0V, Vss = 0V, Tc = -55°C to +125°C)
Parameter
Symbol
JEDEC Stand’d
–60
Min Max
–70
Min Max
–90
Min Max
–120
Min Max
–150
Min Max
Units
Write Cycle Time
tAVAC
tWC
60
70
90
120
150
ns
Write Enable Setup Time
tWLEL
tWS
0
0
0
0
0
ns
Chip Enable Pulse Width
tELEH
tCP
30
35
45
50
50
ns
Address Setup Time
tAVEL
tAS
0
0
0
0
0
ns
Data Setup Time
tDVEH
tDS
30
30
45
50
50
ns
Data Hold Time
tEHDX
tDH
0
0
0
0
0
ns
Address Hold Time
tELAX
tAH
45
45
45
50
50
ns
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
20
20
ns
Duration of Byte Programming
tWHWH1
14
TYP
14
TYP
14
TYP
14
TYP
14
TYP
µs
Sector Erase Time
tWHWH2
60
60
60
60
60
Sec
Read Recovery Time
tGHEL
0
0
0
0
0
ns
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
Sec
Chip Erase Time
tWHWH3
120
120
120
120
120
Sec


Similar Part No. - ACT-F1288N-060P7M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F128K32N-060F5C AEROFLEX-ACT-F128K32N-060F5C Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5I AEROFLEX-ACT-F128K32N-060F5I Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5M AEROFLEX-ACT-F128K32N-060F5M Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5Q AEROFLEX-ACT-F128K32N-060F5Q Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-F128K32N-060F5T AEROFLEX-ACT-F128K32N-060F5T Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F1288N-060P7M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K8 AEROFLEX-ACTF512K8 Datasheet
149Kb / 21P
   ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com