Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7002-30 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7002-30
Description  30 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7002-30 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7002-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7002-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7002-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
30 dB Fixed Attenuator, N Male To N Female Brass
Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-30
CAD Drawing
PE7002-30 REV


Similar Part No. - PE7002-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7002-30 PASTERNACK-PE7002-30 Datasheet
269Kb / 5P
   30 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PE7002-30 PASTERNACK-PE7002-30_16 Datasheet
269Kb / 5P
   30 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
More results

Similar Description - PE7002-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7002-1 PASTERNACK-PE7002-1 Datasheet
215Kb / 3P
   1 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-2 PASTERNACK-PE7002-2 Datasheet
214Kb / 3P
   2 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-10 PASTERNACK-PE7002-10 Datasheet
215Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-6 PASTERNACK-PE7002-6 Datasheet
215Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-40 PASTERNACK-PE7002-40 Datasheet
215Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-20 PASTERNACK-PE7002-20 Datasheet
214Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7002-3 PASTERNACK-PE7002-3 Datasheet
215Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7163-3 PASTERNACK-PE7163-3 Datasheet
213Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7163-10 PASTERNACK-PE7163-10 Datasheet
213Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7029-30 PASTERNACK-PE7029-30 Datasheet
215Kb / 3P
   30 dB Fixed Attenuator, 75 N Male To 75 N Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com