Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PW116XA14XX Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW116XA14XX
Description  PW116 SWITCH-MODE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW116XA14XX Datasheet(HTML) 1 Page - SL Power Electronics

  PW116XA14XX Datasheet HTML 1Page - SL Power Electronics PW116XA14XX Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2005 Ault Inc.
PW116 SWITCH-MODE
POWER SUPPLY
100-250 VAC Universal Input
Desktop Style
Single Output to 90W
Regulated Output With Low Ripple
Meets Safety Agency Requirements
Complies With EMI/RFI Regulations
CE Compliant
Impact Resistant Polycarbonate Enclosure
Private Label Marking Available
3 Year Warranty
Modified and Custom Designs Also Available
PW116
ITE 60-90 W ATT SERIES
#3 Connector pictured
PW116XA05XX_01
5V
12.0
60.0
PW116XA06XX_01
6V
10.0
60.0
PW116XA09XX_01
9V
7.80
70.0
PW116XA12XX_01
12V
6.67
80.0
PW116XA14XX_01
13.5V
6.15
83.0
PW116XA15XX_01
15V
6.00
90.0
PW116XA16XX_01
16V
5.60
90.0
PW116XA1803_01
18V
5.00
90.0
PW116XA2403_01
24V
3.75
90.0
PW116XA4803_01
48V
1.87
90.0
PW116 X
A
05
XX
__
01
Product
Manufacturing
Design
Voltage
Connector
Input
Denotes
Family
Location
Revision
DC
#51 - Standard
Configuration/
standard
Name
(volume
Changes
16V and
Model Type
or custom
dependent)
under; #3 -
(see pg. 2)
requirements
Standard 18V
and over
Voltage
Max
Max
Ault Part No.
DC
Amps
Watts
Ault Part No. Key
PW116


Similar Part No. - PW116XA14XX

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PW111 SJM-PW111 Datasheet
403Kb / 5P
   Gain Block
PW111 SJM-PW111 Datasheet
214Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PW112 SJM-PW112 Datasheet
445Kb / 7P
   Gain Block
PW113 SJM-PW113 Datasheet
367Kb / 5P
   Gain Block
More results

Similar Description - PW116XA14XX

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com