Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP500-80MRA Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP500-80MRA
Description  500Watts 11 Mini Redundant Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP500-80MRA Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP500-80MRA Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: 10A~5A at 100~240VAC
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage : -40°C ~ +70°C
Altitude : Operating: up to 2K Meter; Non- Operating:
0~15KM.
Humidity: 90% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical > 90%
Rise time: 5~70mS
Hold-up Time: 16 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 190x150x84mm / 7.48x5.9x3.3 inch
Output Characteristics
Output Voltage
Minimum Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0A
20A
± 5%
50mV P-P
+5V
0A
20A
± 5%
50mV P-P
+12V1
0.5A
16A
± 5%
120mV P-P
+12V2
0.5A
16A
± 5%
120mV P-P
+12V3
0.5A
16A
± 5%
120mV P-P
-5V
0A
0.3A
± 10%
200mV P-P
-12V
0A
0.5A
± 10%
200mV P-P
+5Vsb
0A
3A
± 5%
50mV P-P
*-5V is Option
*+3.3V and +5V total output not exceed 130W
* Total output for this subject power supply is 500W
FSP500-80MRA(S)
(80PLUS Gold, PM_Bus, RoHS Compliant)
500Watts 1+1 Mini Redundant
Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Hot Swapping. Redundant, Power Management Bus (PM Bus REV1.2)
Complied with latest Intel/AMD platform.
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency 80 Plus Gold
Extremely high overall reliability with redundancy for 24 by 7
Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
Internal 12V DC fan included
Audible Alarm, TTL Alarm Signal .and Power LED indicator SMB
Alert for Fan fail, OVP, OCP, SCP.
100% Hi-pot, ATE, and burn-in tested
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by : UL/CUL60950-1,TUV EN60950-1, FCC, EMC,CE


Similar Part No. - FSP500-80MRA

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP500-80MR1 SPI-FSP500-80MR1 Datasheet
355Kb / 2P
   500 Watts, 11 Redundant Switching Power Supply
More results

Similar Description - FSP500-80MRA

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP500-60MRA SPI-FSP500-60MRA Datasheet
70Kb / 1P
   500Watts 11 Mini Redundant Switching Power Supply
FSP600-60MRA SPI-FSP600-60MRA Datasheet
70Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
FSP600-80MRA SPI-FSP600-80MRA Datasheet
75Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
FSP700-62R01 SPI-FSP700-62R01 Datasheet
77Kb / 1P
   350Watts 11 Redundant Switching Power Supply
FSP700-50DRS SPI-FSP700-50DRS Datasheet
53Kb / 1P
   700Watts 11 2U Redundant Switching Power Supply
FSP500-80MR1 SPI-FSP500-80MR1 Datasheet
355Kb / 2P
   500 Watts, 11 Redundant Switching Power Supply
SPR2CA800LGP SPI-SPR2CA800LGP Datasheet
50Kb / 1P
   800Watts 11 2U Redundant Switching Power Supply
FSP620-80MR1 SPI-FSP620-80MR1 Datasheet
363Kb / 2P
   620 Watts, 11 Redundant Switching Power Supply
FSP350-50BR2 SPI-FSP350-50BR2 Datasheet
145Kb / 1P
   350 Watts 11 Redundant Switching Power Supply
SPR2CA3508 SPI-SPR2CA3508 Datasheet
58Kb / 1P
   350 Watts 11, 2U Hot-Swap Mini-Redundant Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com