Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-5260PC-150P10Q Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-5260PC-150P10Q
Description  ACT5260 64-Bit Superscaler Microprocessor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-5260PC-150P10Q Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-5260PC-150P10Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-5260PC-150P10Q Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aeroflex Circuit Technology
SCD5260 REV A 3/29/99 Plainview NY (516) 694-6700
2
DESCRIPTION:
The ACT5260 is a highly integrated superscalar
microprocessor that implements a superset of the
MIPS IV Instruction Set Architecture(ISA). It has a
high
performance
64-bit
integer
unit,
a
high
throughput, fully pipelined 64-bit floating point unit,
an operating system friendly memory management
unit with a 48-entry fully associative TLB, a 16 KByte
2-way set associative instruction cache, a 16 KByte
2-way
set
associative
data
cache,
and
a
high-performance
64-bit
system
interface.
The
ACT5260 can issue both an integer and a floating
point instruction in the same cycle.
The ACT5260 is ideally suited for high-end
embedded
control
applications
such
as
internetworking,
high
performance
image
manipulation,
high
speed
printing,
and
3-D
visualization.
HARDWARE OVERVIEW
The ACT5260 offers a high-level of integration
targeted
at
high-performance
embedded
applications. Some of the key elements of the
ACT5260 are briefly described below.
Superscalar Dispatch
The
ACT5260
has
an
efficient
asymmetric
superscalar dispatch unit which allows it to issue an
integer instruction and a floating-point computation
instruction
simultaneously.
With
respect
to
superscalar issue, integer instructions include alu,
branch, load/store, and floating-point load/store,
while floating-point computation instructions include
floating-point add, subtract, combined multiply-add,
converts, etc. In combination with its high throughput
fully pipelined floating-point execution unit, the
superscalar capability of the ACT5260 provides
unparalleled price/performance in computationally
intensive embedded applications.
CPU Registers
Like all MIPS ISA processors, the ACT5260 CPU
has a simple, clean user visible state consisting of 32
general purpose registers, two special purpose
registers for integer multiplication and division, a
program counter, and no condition code bits.
Pipeline
For integer operations, loads, stores, and other
non-floating-point operations, the ACT5260 uses the
simple 5-stage pipeline also found in the circuits
R4600, R4700, and R5000. In addition to this
standard pipeline, the ACT5260 uses an extended
seven stage pipeline for floating-point operations.
Like the R5000, the ACT5260 does virtual to physical
translation in parallel with cache access.
Integer Unit
Like the R5000, the ACT5260 implements the
MIPS IV Instruction Set Architecture, and is therefore
fully upward compatible with applications that run on
processors implementing the earlier generation
MIPS I-III instruction sets. Additionally, the ACT5260
includes two implementation specific instructions not
found in the baseline MIPS IV ISA but that are useful
in the embedded market place. Described in detail in
the QED RM5260 datasheet, these instructions are
integer multiply-accumulate and 3-operand integer
multiply.
The ACT5260 integer unit includes thirty-two
general
purpose
64-bit
registers,
a
load/store
architecture with single cycle ALU operations (add,
sub, logical, shift) and an autonomous multiply/divide
unit. Additional register resources include: the HI/LO
result registers for the two-operand integer multiply/
divide operations, and the program counter(PC).
Register File
The ACT5260 has thirty-two general purpose
registers with register location 0 hard wired to zero.
These
registers
are
used
for
scalar
integer
operations and address calculation. The register file
has two read ports and one write port and is fully
bypassed to minimize operation latency in the
pipeline.
ALU
The ACT5260 ALU consists of the integer adder/
subtractor, the logic unit, and the shifter. The adder
performs
address
calculations
in
addition
to
arithmetic operations, the logic unit performs all
logical and zero shift data moves, and the shifter
performs shifts and store alignment operations. Each
of these units is optimized to perform all operations in
a single processor cycle
For additional Detail Information regarding the
operation of the Quantum Effect Design (QED)
RISCMark
RM5260
™,
64-Bit
Superscalar
Microprocessor see the latest QED datasheet
(Revision 1.1 July 1998).


Similar Part No. - ACT-5260PC-150P10Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-5261PC-133F17C AEROFLEX-ACT-5261PC-133F17C Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17I AEROFLEX-ACT-5261PC-133F17I Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17M AEROFLEX-ACT-5261PC-133F17M Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17Q AEROFLEX-ACT-5261PC-133F17Q Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT-5261PC-133F17T AEROFLEX-ACT-5261PC-133F17T Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT-5260PC-150P10Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
   ACT 7000SC 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com