Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44089 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44089
Description  Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Front Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44089 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44089 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44089 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Front
Mount
Configuration
Connector
Mini UHF Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1 [25.4]
Width/Dia., in [mm]
0.438 [11.13]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
Mini UHF Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Front Mount from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole,
Front Mount PE44089
URL: http://www.pasternack.com/mini-uhf-female-standard-solder-cup-terminal-connector-pe44089-p.aspx
PE44089
PE44089 REV
Mini UHF Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .350 inch D Hole, Front Mount


Similar Part No. - PE44089

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
   SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
370Kb / 3P
   SMA Male Right Angle Connector Crimp/Solder Attachment
PE44080 PASTERNACK-PE44080 Datasheet
301Kb / 2P
   SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
   MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
   Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
More results

Similar Description - PE44089

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4644 PASTERNACK-PE4644 Datasheet
289Kb / 3P
   Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Rear Mount
PE44059 PASTERNACK-PE44059 Datasheet
223Kb / 3P
   UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Front Mount
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
   BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
   BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
   SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
   TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44060 PASTERNACK-PE44060 Datasheet
205Kb / 2P
   UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Rear Mount
PE4706 PASTERNACK-PE4706 Datasheet
222Kb / 3P
   RP TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
   RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4219 PASTERNACK-PE4219 Datasheet
235Kb / 2P
   SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com