Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-9738 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN-9738
Description  Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9738 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN-9738 Datasheet HTML 1Page - Fairchild Semiconductor AN-9738 Datasheet HTML 2Page - Fairchild Semiconductor AN-9738 Datasheet HTML 3Page - Fairchild Semiconductor AN-9738 Datasheet HTML 4Page - Fairchild Semiconductor AN-9738 Datasheet HTML 5Page - Fairchild Semiconductor AN-9738 Datasheet HTML 6Page - Fairchild Semiconductor AN-9738 Datasheet HTML 7Page - Fairchild Semiconductor AN-9738 Datasheet HTML 8Page - Fairchild Semiconductor AN-9738 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AN-9738
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 4/20/11
4
This application note presents design considerations for an
LLC resonant half-bridge converter employing Fairchild’s
FAN7621S. It includes explanation of the LLC resonant
converter operation principles, designing the transformer
and resonant network, and selecting the components. The
step-by-step design procedure, explained with a design
example, helps design the LLC resonant converter. 0 shows
a simplified schematic of a half-bridge LLC resonant
converter, where Lm is the magnetizing inductance that acts
as a shunt inductor, Lr is the series resonant inductor, and Cr
is the resonant capacitor. Figure 8 illustrates the typical
waveforms of the LLC resonant converter. It is assumed that
the operation frequency is the same as the resonance
frequency, determined by the resonance between Lr and Cr.
Since the magnetizing inductor is relatively small, a
considerable amount of magnetizing current (Im) exists,
which freewheels in the primary side without being
involved in the power transfer. The primary-side current (Ip)
is the sum of the magnetizing current and the secondary-side
current referred to the primary.
In general, the LLC resonant topology consists of the three
stages shown in 0; square-wave generator, resonant
network, and rectifier network.
The square-wave generator produces a square-wave
voltage, Vd, by driving switches Q1 and Q2 alternately
with 50% duty cycle for each switch. A small dead time
is
usually
introduced
between
the
consecutive
transitions. The square-wave generator stage can be
built as a full-bridge or half-bridge type.
The resonant network consists of a capacitor, leakage
inductances, and the magnetizing inductance of the
transformer. The resonant network filters the higher
harmonic currents. Essentially, only sinusoidal current
is allowed to flow through the resonant network even
though a square-wave voltage is applied. The current
(Ip) lags the voltage applied to the resonant network
(that is, the fundamental component of the square-wave
voltage (Vd) applied to the half-bridge totem pole),
which allows the MOSFETs to be turned on with zero
voltage. As shown in Figure 8, the MOSFET turns on
while the voltage across the MOSFET is zero by
flowing current through the anti-parallel diode.
The
rectifier
network
produces
DC
voltage
by
rectifying the AC current with rectifier diodes and a
capacitor. The rectifier network can be implemented as
a full-wave bridge or a center-tapped configuration with
capacitive output filter.
Figure 7. Schematic of Half-Bridge LLC
Resonant Converter
Ip
IDS1
Vd
Im
VIN
ID
Vgs2
Vgs1
Figure 8. Typical Waveforms of Half-Bridge LLC
Resonant Converter
The filtering action of the resonant network allows the use
of the fundamental approximation to obtain the voltage gain
of the resonant converter, which assumes that only the
fundamental component of the square-wave voltage input to
the resonant network contributes to the power transfer to the
output. Because the rectifier circuit in the secondary side
acts as an impedance transformer, the equivalent load
resistance is different from actual load resistance. Figure 9
shows how this equivalent load resistance is derived. The
primary-side circuit is replaced by a sinusoidal current
source, Iac, and a square wave of voltage, VRI, appears at the
input to the rectifier. Since the average of |Iac| is the output
current, Io, Iac, is obtained as:
sin(
)
2
o
ac
I
I
t
π
ω
=
(3)


Similar Part No. - AN-9738

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9731 FAIRCHILD-AN-9731 Datasheet
1Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 100W Lighting System
AN-9732 FAIRCHILD-AN-9732 Datasheet
2Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
More results

Similar Description - AN-9738

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9736 FAIRCHILD-AN-9736 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
AN-9737 FAIRCHILD-AN-9737 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
STMicroelectronics
AN4218 STMICROELECTRONICS-AN4218 Datasheet
1Mb / 26P
   Hardware design guideline
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
logo
Fairchild Semiconductor
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
   Design Guideline to Replace SG6742
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com