Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-9732 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # AN-9732
Description  LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 200W Lighting System
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9732 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button AN-9732 Datasheet HTML 4Page - Fairchild Semiconductor AN-9732 Datasheet HTML 5Page - Fairchild Semiconductor AN-9732 Datasheet HTML 6Page - Fairchild Semiconductor AN-9732 Datasheet HTML 7Page - Fairchild Semiconductor AN-9732 Datasheet HTML 8Page - Fairchild Semiconductor AN-9732 Datasheet HTML 9Page - Fairchild Semiconductor AN-9732 Datasheet HTML 10Page - Fairchild Semiconductor AN-9732 Datasheet HTML 11Page - Fairchild Semiconductor AN-9732 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AN-9732
APPLICATION NOTE
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 3/23/11
8
field. Because most IC pins have several pF parasitic
capacitance, CZCD can be eliminated when RZCD is higher
than 30k
. However, a small capacitor would be helpful
when auxiliary winding suffers from operating noise.
The PFC control loop has two conflicting goals: output
voltage regulation and making the input current shape the
same as input voltage. If the control loop reacts to regulate
output voltage smoothly, as shown in Figure 16, control
voltage varies widely with the input voltage variation. Input
current acts to the control loop and sinusoidal input current
shape cannot be attained. This is the reason control response
of most PFC topologies is very slow and turn-on time over
AC period is kept constant. This is also the reason output
voltage ripple is made by input and output power
relationship, not by control-loop performance.
VIN & VOUT
t
VCONTROL
IACIN
Figure 16. Input Current Deterioration by Fast Control
If on-time is controlled constantly over one AC period,
inductor current peak follows AC input voltage shape and
achieves good power factor. Off-time is basically inductor
current reset time due to the boundary mode and is
determined by the input and output voltage difference.
When input voltage is at its peak, the voltage difference
between input and output voltage is small, and long turn-off
time is necessary. When input voltage is near zero, turn-off
time is short, as shown in Figure 17 and Figure 18. Though
inductor current drops to zero, there is a minor delay,
explained above. The delay can be assumed as fixed when
AC is at line peak and zero. Near AC line peak, the inductor
current decreasing slope is slow and inductor current slope
is also slow during the ZCD delay. The amount of negative
current is not much higher than the inductor current peak.
Near the AC line zero, inductor current decreasing slope is
very high and the amount of negative current is higher than
positive inductor current peak because input voltage is
almost zero.
Figure 17. Inductor Current at AC Voltage Peak
Figure 18. Inductor Current at AC Voltage Zero
Negative inductor current creates zero current distortion and
degrades the power factor. Improve this by extending turn-
on time at the AC line input near the zero cross.
Negative auxiliary winding voltage, when MOSFET is
turned on, is linearly proportional to the input voltage.
Sourcing current generated by the internal negative
clamping circuit is also proportional to sinusoidal input
voltage. That current is detected internally and added to the
internal sawtooth generator, as shown in Figure 19.


Similar Part No. - AN-9732

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9731 FAIRCHILD-AN-9731 Datasheet
1Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 100W Lighting System
AN-9735 FAIRCHILD-AN-9735 Datasheet
481Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FAN103 & FSEZ1317
AN-9736 FAIRCHILD-AN-9736 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
More results

Similar Description - AN-9732

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9731 FAIRCHILD-AN-9731 Datasheet
1Mb / 22P
   LED Application Design Guide Using BCM Power Factor Correction (PFC) Controller for 100W Lighting System
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789 Datasheet
231Kb / 3P
   Power Factor Correction (PFC) Application Notes
logo
Fairchild Semiconductor
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
   LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
logo
Bel Fuse Inc.
MPU200-1012G BEL-MPU200-1012G Datasheet
1Mb / 7P
   Power Factor Correction (PFC)
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
SIFIRST TECHNOLOGIES NA...
SFL900C SIFIRST-SFL900C Datasheet
158Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
SFL900B SIFIRST-SFL900B Datasheet
160Kb / 2P
   super-PFC/PSRTM Controller for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com