Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5944B Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N5944B
Description  GLAS S PASSIVA TED JUNC TION S ILICON ZENER DIODE VO LTA GE - 1 1 T O 200 Vo lts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N5944B Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N5944B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N5944B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N5944B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5926B THRU 1N5956B
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
VOLTAGE - 11 TO 200 Volts
Power - 1.5 Watts
FEATURES
l
Low profile package
l
Built-in strain relief
l
Glass passivated junction
l
Low inductance
l
Typical IR less than 1 £gA above 11V
l
High temperature soldering :
260 ¢J /10 seconds at terminals
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MECHANICAL DATA
Case: JEDEC DO-41 Molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes positive end (cathode)
Standard Packaging: 52mm tape
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
DC Power Dissipation @ TL=75 ¢J , Measure at Zero Lead Length(Note 1, Fig. 1)
Derate above 75 ¢J
PD
1.5
15
Watts
mW/¢J
Peak forward Surge Current 8.3ms single half sine-wave superimposed on rated
load(JEDEC Method) (Note 1,2)
IFSM
10
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
¢J
NOTES:
1. Mounted on 5.0mm
2(.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum.
3. ZENER VOLTAGE (Vz) MEASUREMENT Nominal zener voltage is measured with the device
function in thermal equilibrium with ambient temperature at 25 ¢J .
4.ZENER IMPEDANCE (Zz) DERIVATION ZZT are measured by dividing the ac voltage drop across
the device by the accurrent applied. The specified limits are for IZ(ac) = 0.1 IZ, (dc) with the ac freqency = 60Hz.
DO-41
XINGHE ELECTRONICS
星合电子
1
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - 1N5944B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5944B PANJIT-1N5944B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
EIC discrete Semiconduc...
1N5944B EIC-1N5944B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Transys Electronics
1N5944B TRSYS-1N5944B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5944B CENTRAL-1N5944B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Jinan Gude Electronic D...
1N5944B JGD-1N5944B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5944B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
S-10BJ LEIDITECH-S-10BJ Datasheet
1Mb / 6P
   1000W Transi e nt Vo l t a ge S uppressor
logo
Microdiode Electronics ...
RS5ABF CHENDA-RS5ABF Datasheet
609Kb / 2P
   50 to 1000 Vo lts Forward Current - 5.0 Amperes
S5ABF CHENDA-S5ABF Datasheet
681Kb / 2P
   50 to 1000 Vo lts Forward Current - 5.0 Amperes
logo
E-Tech Electronics LTD
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com