Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT2100-400 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT2100-400
Description  CT2100-400 MICROPROCESSOR CONTROLLED QUAD SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2100-400 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT2100-400 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2100-400 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2100-400 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2100-400 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2100-400 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2100-400 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Aeroflex Circuit Technology
SCDCT2100 REV B 10/1/98 Plainview NY (516) 694-6700
DESCRIPTION
The CT2100-400 is a quad solid
state relay. The device has been
designed to provide an interface
which
operates
as
a
simple
computer I/O port. The switches
are controlled by a single data
word which the processor writes to
an
internal
control
latch.
In
addition
to
the
basic
switch
function ON/OFF and Trip flags
provide the operational status of
each of the four switches. These
signals are internally contained in
an 8 bit status register which is
accessible
by
an
I/O
read
command. The switches may also
be
controlled
asynchronously
(without write strobes) by use of
separate initialization pins. These
may also be used for Power-Up
control in a microprocessor based
system.
SWITCH CONTROL
The
CT2100-400
has
four
independent
fully
isolated
switches which may be used as
high side or low side drivers. The
isolated design allows the user
to parallel devices or place them
in series as required for the
specific application. Control of
the
switch
is
via
I/O
write
(Address 0) or asynchronous
control lines. The CT2100-400
has an internal switch control
latch
which
is
updated
via
subsystem
I/O
write
as
illustrated in Figure 2. Once the
I/O write is completed the switch
is latched into the OFF or ON
state. The switch may also be
controlled
via
individual
PRESET
and
CLEAR
lines.
These
lines
asynchronously
drive the switch control latch
without the need for a write
strobe.
The
PRESET/CLEAR
inputs
are
enabled
by
the
initialize pin.
SWITCH STATUS
Each switch in the CT2100-400
is monitored for circuit Trip and
ON/OFF. This data is contained
in a 8 bit status register which is
accessible
via
an
I/O
read
(Address 0)
command.
The
timing for the I/O read is shown
in
Figure
1.
The
Trip
and
ON/OFF flags are provided to
the
system
to
assess
the
operational
capability
of
the
switch versus the status of the
controlled load. The Trip bit is
set high when the switch has
conducted between 1.1 to 3
amps of current based on the
time to trip curve in Figure 3.
The over current DC trip point is
typically 1.3 amps.
Table 1 — Absolute Maximum Ratings
Supply Voltage (VCC) — Pin 20
-0.5 to +7.0 Volts DC
Supply Voltage (VEE) — Pin 1
-.5 to +18 Volts DC
Logic Input Voltage — Pins 2-9, 12-19
-0.5 to VCC +.5 Volts DC
Switch Point Voltage — Pins 39-40, 29-32, 21-22
-600 to +600 Volts (200 ns)
80 Volts DC
Storage Temperature Range
-65°C to +150 °C
Table 2 — Recommended Operating Conditions
Supply Voltage (VCC) — Pin 20
+5.0 VDC ±10%
Supply Voltage (VEE) — Pin 1
+14.25 to +15.75 VDC
Logic Input Maximum Voltage (High) — Pins 2-9, 12-19
+3.3 V
Logic Input Minimum Voltage (Low) — Pins 2-9, 12-19
+0.8 V
Switch Point Voltage — Pins 39-40, 29-32, 21-22
60 VDC
Operating Temperature Range
-55°C to +125 °C


Similar Part No. - CT2100-400

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
   TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
logo
List of Unclassifed Man...
CT2162-L-0 ETC2-CT2162-L-0 Datasheet
110Kb / 2P
   LEAD 4MM SHEATHED PLUCS
CT2162-L-2 ETC2-CT2162-L-2 Datasheet
110Kb / 2P
   LEAD 4MM SHEATHED PLUCS
CT2162-L-4 ETC2-CT2162-L-4 Datasheet
110Kb / 2P
   LEAD 4MM SHEATHED PLUCS
CT2162-L-5 ETC2-CT2162-L-5 Datasheet
110Kb / 2P
   LEAD 4MM SHEATHED PLUCS
More results

Similar Description - CT2100-400

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCQ8420X0 CELDUC-SCQ8420X0 Datasheet
147Kb / 2P
   Quad Power Solid State Relay
SCQ842060 CELDUC-SCQ842060 Datasheet
202Kb / 2P
   Quad Power Solid State Relay
logo
STMicroelectronics
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
   Quad channel high side solid state relay
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
   Quad channel high side solid state relay
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
412Kb / 26P
   Quad channel high side solid state relay
VNQ690SP13TR STMICROELECTRONICS-VNQ690SP13TR Datasheet
404Kb / 26P
   Quad channel high side solid state relay
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com