Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7162-40 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7162-40
Description  40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7162-40 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7162-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7162-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7162-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up
To 6 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
SMA Male
Connector 2
SMA Female
Body Material and Plating
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Attenuation Value, dB
40
Maximum Input Power, Watts
2
Maximum VSWR
1.35:1
Frequency 1
Range, GHz
DC to 4
VSWR
1.2:1
Attenuation Accuracy, dB
± 1.5
Frequency 2
Range, GHz
4 to 6
VSWR
1.35:1
Attenuation Accuracy, dB
± 1.5
Mechanical Specifications
Temperature
Operating Range, deg C
-20 to +85
Size
Length, in [mm]
0.97 [24.64]
Width, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.011 [4.99]
Connector 1
Type
SMA Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
40 dB Fixed Attenuator, SMA Male To SMA Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 6 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To
2 Watts Up To 6 GHz PE7162-40
PE7162-40
PE7162-40 REV


Similar Part No. - PE7162-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7162-40 PASTERNACK-PE7162-40 Datasheet
241Kb / 3P
   40 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-40 PASTERNACK-PE7162-40_16 Datasheet
241Kb / 3P
   40 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Similar Description - PE7162-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7162-6 PASTERNACK-PE7162-6 Datasheet
262Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7162-2 PASTERNACK-PE7162-2 Datasheet
262Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7001-40 PASTERNACK-PE7001-40 Datasheet
258Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 3 GHz
PE7005-40 PASTERNACK-PE7005-40 Datasheet
259Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7045-40 PASTERNACK-PE7045-40 Datasheet
225Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7162-10 PASTERNACK-PE7162-10 Datasheet
262Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7162-20 PASTERNACK-PE7162-20 Datasheet
263Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7162-3 PASTERNACK-PE7162-3 Datasheet
262Kb / 3P
   3 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7162-4 PASTERNACK-PE7162-4 Datasheet
262Kb / 3P
   4 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
PE7162-5 PASTERNACK-PE7162-5 Datasheet
262Kb / 3P
   5 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com