Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-F512K8N-070F6I Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT-F512K8N-070F6I
Description  ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F512K8N-070F6I Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT-F512K8N-070F6I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-F512K8N-070F6I Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Aeroflex Circuit Technology
SCD1668 REV A 4/28/98
Plainview NY (516) 694-6700
8
If Data Polling or the Toggle Bit indicates the device has
been written with a valid erase command, D3 may be
used to determine if the sector erase timer window is still
open. If D3 is high ("1") the internally controlled erase
cycle has begun; attempts to write subsequent com-
mands to the device will be ignored until the erase oper-
ation is completed as indicated by Data Polling or Toggle
Bit. If D3 is low ("0"), the device will accept additional
sector erase commands. To ensure the command has
been accepted, the software should check the status of
D3 prior to and following each subsequent sector erase
command. If D3 were high on the second status check,
the command may not have been accepted. See Table 4
Sector Protection
Algorithims
SECTOR PROTECTION
The ACT-F512K8 features hardware sector protection
which will disable both program and erase operations to
an individual sector or any group of sectors. To activate
this mode, the programming equipment must force VID
on control pin OE and address pin A9. The sector
addresses should be set using higher address lines A18,
A17, and A16. The protection mechanism begins on the
falling edge of the WE pulse and is terminated with the
rising edge of the same.
To verify programming of the protection circuitry, the pro-
gramming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sec-
tor addresses (A16, A17, and A18) while (A6, A1, A0) =
(0, 1, 0,) will produce a logical "1" code at device output
D0 for a protected sector. Otherwise the device will read
00H for unprotected sector. In this mode, the lower order
addresses, except for 0, A1, and A6 are don't care.
It is also possible to verify if a sector is protected during
the sector protection operation. This is done by setting
A6 = CE = OE = VIL and WE = VIH (A9 remains high at
VID). Reading the device at address location XXX2H,
where the higher order addresses (A18, A17, and A16)
define a particular sector, will produce 01H at data out-
puts (D0 - D7) for a protected sector.
SECTOR UNPROTECT
The ACT-F512K8 also features a sector unprotect mode,
so that a protected sector may be unprotected to incor-
porate any changes in the code. All sectors should be
protected prior to unprotecting any sector.
To activate this mode, the programming equipment must
force Vid on control pins OE, CE, and address pin A9.
The address pins A6, A16, and A12 should be set to VIH.
The unprotection mechanism begins on the falling edge
of the WE pulse and is terminated with the rising edge of
the same.
It is also possible to determine if a sector is unprotected
in the system by writing the autoselect command and A6
is set at VIH. Performing a read operation at address
location XXX2H, where the higher order addresses (A18,
A17, and A16) define a particular sector address, will pro-
duce 00H at data outputs (D0-D7) for an unprotected
sector.


Similar Part No. - ACT-F512K8N-070F6I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F512K32N-060F5C AEROFLEX-ACT-F512K32N-060F5C Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5I AEROFLEX-ACT-F512K32N-060F5I Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5M AEROFLEX-ACT-F512K32N-060F5M Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5Q AEROFLEX-ACT-F512K32N-060F5Q Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACT-F512K32N-060F5T AEROFLEX-ACT-F512K32N-060F5T Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
More results

Similar Description - ACT-F512K8N-070F6I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K8 AEROFLEX-ACTF128K8 Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACTS512K8 AEROFLEX-ACTS512K8 Datasheet
83Kb / 8P
   ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com