Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-F128K32N-070P3I Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT-F128K32N-070P3I
Description  ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F128K32N-070P3I Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT-F128K32N-070P3I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 12Page - Aeroflex Circuit Technology ACT-F128K32N-070P3I Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Aeroflex Circuit Technology
SCD1667 REV A 4/28/97 Plainview NY (516) 694-6700
9
CE
WE
OE
Data
D0-D7
tOEH
tOES
D6=Toggle
D6
Valid
tOE
D6=Toggle
Stop Toggle
D0-D7
Figure 1
AC Waveforms for Toggle Bit During Embedded Algorithm Operations
IOL
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
ns
Input and Output Timing Reference
1.5
V
Output Lead Capacitance
50
pF
Notes:
1) VZ is programmable from -2V to +7V. 2) IOL and IOH programmable from 0 to 16 mA. 3) Tester Impedance
ZO = 75
Ω. 4) VZ is typically the midpoint of VOH and VOL. 5) IOL and IOH are adjusted to simulate a typical
resistance load circuit. 6) ATE Tester includes jig capacitance.
IOH
To Device Under Test
VZ ~ 1.5 V (Bipolar Supply)
Current Source
Current Source
CL =
50 pF
Figure 2
AC Test Circuit


Similar Part No. - ACT-F128K32N-070P3I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F128K32N-070P3I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com