Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-SF2816N-26F18I Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT-SF2816N-26F18I
Description  ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF2816N-26F18I Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT-SF2816N-26F18I Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-SF2816N-26F18I Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Aeroflex Circuit Technology
SCD3853 REV B 5/18/99 Plainview NY (516) 694-6700
9
Pin Numbers & Functions
66 Pins — PGA-Type
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
SI/O8
18
A12
35
FI/O9
52
FWE1
2
SI/O9
19
Vcc
36
FI/O10
53
FCE1
3
SI/O10
20
SCE1
37
A6
54
GND
4
A13
21
NC
38
A7
55
FI/O3
5
A14
22
SI/O3
39
NC
56
FI/O15
6
A15
23
SI/O15
40
A8
57
FI/O14
7
A16
24
SI/O14
41
A9
58
FI/O13
8
A17
25
SI/O13
42
FI/O0
59
FI/O12
9
SI/O0
26
SI/O12
43
FI/O1
60
A0
10
SI/O1
27
OE
44
FI/O2
61
A1
11
SI/O2
28
A18
45
VCC
62
A2
12
SWE2
29
SWE1
46
FCE2
63
FI/O7
13
SCE2
30
SI/O7
47
FWE2
64
FI/O6
14
GND
31
SI/O6
48
FI/O11
65
FI/O5
15
SI/O11
32
SI/O5
49
A3
66
FI/O4
16
A10
33
SI/O4
50
A4
17
A11
34
FI/O8
51
A5
All dimensions in inches
1.085 SQ
1.000
.600
TYP
1.000
.100 TYP
.020
.016
.100 TYP
.165
MIN
.160
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P7 & P3)
MAX
MAX
.020
.016
.100
.025
.185
MAX
Side View
(P7)
Side View
(P3)
.050 DIA
.035
TYP
TYP
TYP
TYP
"P7" — 1.08" SQ PGA Type Package (with shoulders on Pins 1, 11, 56 & 66)
"P3" — 1.08" SQ PGA Type Package Standard (without shoulders
)
.145
MIN


Similar Part No. - ACT-SF2816N-26F18I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF128K16N-26F18C AEROFLEX-ACT-SF128K16N-26F18C Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18I AEROFLEX-ACT-SF128K16N-26F18I Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18M AEROFLEX-ACT-SF128K16N-26F18M Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18Q AEROFLEX-ACT-SF128K16N-26F18Q Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18T AEROFLEX-ACT-SF128K16N-26F18T Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
More results

Similar Description - ACT-SF2816N-26F18I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com