Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3004ITD1033T Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS3004ITD1033T
Description  A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3004ITD1033T Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS3004ITD1033T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3004ITD1033T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS3004
TS3004DS r1p0
Page 9
RTFDS
or example, if the instrument’s input probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be ≤5p , then the value of C
EXT should
be ≤7.5p .
TS3004 Start-up Time
As the TS3004 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 1.55V. Once the
applied VDD is higher than 1.55V, the master
oscillator achieves steady-state operation within 8ms.
2 Weeks and 2 Days Counter Circuit with TS3004
The TS3004 can be configured into a 2 Weeks and 2
Days counter as shown in Figure 2. The circuit is
composed of a TS3004 timer and three dual
74VHC393 4-bit counters. The TS3004 divider inputs
are set to FDIV2:0 = 111. With a
n RS T of 4.32MΩ,
the FOUT period is approximately 1.4 minutes. The
complete circuit consumes approximately 11µA and
is powered with a single 3V CR2032 lithium button
cell battery. If a longer period is desired, a sixth
counter is available in the third 74VHC393.
Divide the PWMOUT Output Frequency by Two
with the TS3004
Using a single resistor and capacitor, the TS3004 can
be configured to a divide by two circuit as shown in
Figure 3. To achieve a divide by two function with the
TS3004, the pulse width of the PWMOUT output
must be at least a factor of 2 greater than the period
set at FOUT by resistor RSET. The CPWM capacitor
selected must meet this pulse width requirement and
can be calculated using Equation 2. In Figure 3, a
value of
4.32MΩ for RS T sets the
O T output
period to 40µs. A CPWM capacitor of 265pF was
chosen, which sets the pulse width of PWMOUT to
Figure 3: Configuring the TS3004 into a Divide by
Two Frequency Divider
Figure 2: 2 Weeks and 2 Days Counter Circuit


Similar Part No. - TS3004ITD1033T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3004ITD1033T SILABS-TS3004ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3004ITD1033T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com