Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT80PW120C Datasheet(PDF) 2 Page - TDK Electronics

Part # DT80PW120C
Description  62W to 80W AC-DC External Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DT80PW120C Datasheet(HTML) 2 Page - TDK Electronics

  DT80PW120C Datasheet HTML 1Page - TDK Electronics DT80PW120C Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A4: Nov 2011
DT62/80-C Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/dt-c-series.htm
DTM65-C
65W CEC Compliant Medical Adapters
DT100/150-C
100W to 150W CEC Compliant Adapters
DTM110-C
110W CEC Compliant Medical Adapters
Other AC-DC Products
Outline Drawing
132.0
69.0
40.0
DC OUTPUT CABLE
RUBBER FOOT X4
NOTE:
1. AC INLET: IEC320-C14 STANDARD
2. BOX COLOR: BLACK
3. TOLERANCE: ±0.5mm
4. UNIT: mm
Mo
Maximum
Maximum
CEC
EISA
EISA
Model
Output (V)
Output (A)
Power (W)
IV
V
Level IV
Level V
DT62PW090C
9
5.56
50
-
-
-
-
DT62PW120C
12
5.17
62
Y
-
Y
-
DT62PW150C
15
4.14
62
-
Y
-
Y
DT62PW180C
18
3.54
64
-
Y
-
Y
DT62PW240C
24
2.59
62
-
Y
-
Y
DT80PW090C
9
8.00
72
-
-
-
-
DT80PW120C
12
6.67
80
Y
-
Y
-
DT80PW150C
15
5.33
80
Y
-
Y
-
DT80PW180C
18
4.45
80
-
Y
-
Y
DT80PW240C
24
3.34
80
-
Y
-
Y
Output Ratings


Similar Part No. - DT80PW120C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DT80PW120D TDK-DT80PW120D Datasheet
169Kb / 1P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DT80PW120C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Artesyn Technologies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
   20W External AC/DC Power Supplies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
DTM165-C TDK-DTM165-C Datasheet
105Kb / 2P
   160W to 165W Medical AC-DC External Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com