Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-E128K32C-200P3C Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT-E128K32C-200P3C
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32C-200P3C Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT-E128K32C-200P3C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-E128K32C-200P3C Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
11
Pin Numbers & Functions
68 Pins — Dual-Cavity CQFP
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1GND
18
GND
35
OE
52
GND
2CE3
19
I/O8
36
CE2
53
I/O23
3A5
20
I/O9
37
NC
54
I/O22
4A4
21
I/O10
38
WE2
55
I/O21
5A3
22
I/O11
39
WE3
56
I/O20
6A2
23
I/O12
40
WE4
57
I/O19
7A1
24
I/O13
41
NC
58
I/O18
8A0
25
I/O14
42
NC
59
I/O17
9
NC
26
I/O15
43
NC
60
I/O16
10
I/O0
27
Vcc
44
I/O31
61
VCC
11
I/O1
28
A11
45
I/O30
62
A10
12
I/O2
29
A12
46
I/O29
63
A9
13
I/O3
30
A13
47
I/O28
64
A8
14
I/O4
31
A14
48
I/O27
65
A7
15
I/O5
32
A15
49
I/O26
66
A6
16
I/O6
33
A16
50
I/O25
67
WE1
17
I/O7
34
CE1
51
I/O24
68
CE4
Top View
All dimensions in inches
Package Outline — Dual-Cavity CQFP "F2"
.015
.990 SQ
±.010
.880 SQ
±.010
.800 REF
.050
.946
±.010
See Detail “A”
Detail “A”
*.200 MAX
.010 REF
0°- 7°
.040
0.010 R
.010 ±.005
TYP
±.010
Pin 60
Pin 44
Pin 43
Pin 27
Pin 26
Pin 10
Pin 9
Pin 61
*.180 MAX available, call factory for details


Similar Part No. - ACT-E128K32C-200P3C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32C-200P3C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com