Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1003IJ5T Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS1003IJ5T
Description  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003IJ5T Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1003IJ5T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003IJ5T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1003
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
Single 0.8V to 5.5V Operation
Supply current: 0.6μA (typ)
Input Bias Current: 2pA (typ)
Low TCVOS: 9µV/°C (typ)
AVOL Driving 100kΩ Load: 90dB (min)
Gain-Bandwidth Product: 4kHz
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
5-pin SC70 Package
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Micropower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1003 is the industry’s first sub-1µA supply
current, precision CMOS operational amplifier fully
specified to operate over a supply voltage range from
0.8V to 5.5V. Fully specified at 1.8V, the TS1003 is
optimized
for
ultra-long-life
battery
powered
applications. The TS1003 is Touchstone’s fourth
operational amplifier in the “NanoWatt Analog™”
high-performance analog integrated circuits portfolio.
The TS1003 exhibits a typical input bias current of
2pA, and rail-to-rail input and output stages.
The TS1003’s combined features make it an excellent
choice in applications where very low supply current
and low operating supply voltage translate into very
long equipment operating time. Applications include:
micropower active filters, wireless remote sensors,
battery and powerline current sensors, portable gas
monitors, and handheld/portable POS terminals.
The TS1003 is fully specified over the industrial
temperature range (−40°C to +85°C) and is available
in a PCB-space saving 5-lead package.
0%
5%
10%
15%
20%
25%
30%
35%
Supply Current Distribution
THE ONLY 0.8V TO 5.5V, 0.6µA RAIL-TO-RAIL SINGLE OP AMP
TYPICAL APPLICATION CIRCUIT
A MicroWatt 2-Pole Sallen Key Low Pass Filter
Patent(s) Pending
NanoWatt Analog and the Touchstone Semiconductor logo are registered
trademarks of Touchstone Semiconductor, Incorporated.
0.48
0.53
0.58
0.63
Supply Current - µA
VDD = 1.8V


Similar Part No. - TS1003IJ5T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1003IJ5T SILABS-TS1003IJ5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results

Similar Description - TS1003IJ5T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com