Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63819-4800 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 63819-4800
Description  The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

63819-4800 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  63819-4800 Datasheet HTML 1Page - Molex Electronics Ltd. 63819-4800 Datasheet HTML 2Page - Molex Electronics Ltd. 63819-4800 Datasheet HTML 3Page - Molex Electronics Ltd. 63819-4800 Datasheet HTML 4Page - Molex Electronics Ltd. 63819-4800 Datasheet HTML 5Page - Molex Electronics Ltd. 63819-4800 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hand Crimp Tool 1.20mm (.047”) Pitch Pico-EZmate™ Crimp Terminals
Doc No: ATS-6381948000
Release Date: 08-17-09
UNCONTROLLED COPY
Page 3 of 6
Revision: A
Revision Date: 08-17-09
Note: The tamper proof ratchet action will not release the tool until it has been fully closed.
7. Lift up the crimped terminal from the
terminal locator.
8. Visually inspect the crimped terminal
for proper crimp location.
9. If crimping more wires advance the
terminal strip by (1) detent until the
terminal is centered with the punch
nest.
10. Repeat this procedure until all the
desired terminals are crimped on the
strip.
Maintenance
It is recommended that each operator of
the tool be made aware of, and responsible
for, the following maintenance steps:
1. Remove the plastic handles from the metal tool
frame by removing the screws and remove dust,
moisture, and other contaminants with a clean brush,
or soft, lint free cloth.
2. Do not use any abrasive materials that could
damage the tool.
3. Make certain all pins; pivot points and bearing
surfaces are protected with a thin coat of high quality
machine oil. Do not oil excessively. The tool was
engineered for durability but like any fine piece of
equipment it needs cleaning and lubrication for a
maximum service life of trouble free crimping. Light
oil used at the pivot points every 5,000 crimps or 3
months, will significantly enhance the tool life.
4. Wipe excess oil from hand tool, particularly from
crimping area.
5. When tool is not in use, keep the handles closed to
prevent objects from becoming lodged in the
crimping dies, and store the tool in a clean, dry area.
Miscrimps or Jams
Should this tool ever become stuck or jammed in a partially closed position, Do Not force the handles open or
closed. The tool will open easily by pressing the ratchet release lever up. See Figure 2.
SLIDE WIRE
INTO THE
PUNCH NEST
Figure 1
LOCKS IN THE
TERMINAL STRIP
SLIDE TERMINAL
STRIP INTO THE
CARRIER GUIDE
CRIMP TOOL OPEN
WIRE
RATCHET
RELEASE LEVER
Figure 2


Similar Part No. - 63819-4800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-4000 MOLEX11-63819-4000 Datasheet
42Kb / 1P
   Crimp Hand Tool
63819-4100 MOLEX11-63819-4100 Datasheet
42Kb / 1P
   Hand Crimp Tool for CTX 1.50mm Receptacle Terminal, 1.25, 1.50, and 2.00mm
63819-4100 MOLEX-63819-4100 Datasheet
230Kb / 4P
   Hand Crimp Tool for CTX 1.50mm Receptacle Crimp Terminal
01-05-09
63819-4200 MOLEX11-63819-4200 Datasheet
42Kb / 1P
   Hand Crimp Tool for Quick Disconnect, High Reliability Crimp Terminals (HRT), Female for 1.00-2.50mm
63819-4300 MOLEX5-63819-4300 Datasheet
46Kb / 3P
   Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
More results

Similar Description - 63819-4800

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
2700605 PHOENIX-2700605 Datasheet
80Kb / 4P
   The terminal is designed for use within an Inline station.
2702503 PHOENIX-2702503 Datasheet
82Kb / 4P
   The terminal is designed for use within an Inline station.
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com