Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARX4435N-FP Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ARX4435N-FP
Description  ARX4435N Transceiver for Macair H009 Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4435N-FP Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ARX4435N-FP Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4435N-FP Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4435N-FP Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4435N-FP Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4435N-FP Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4435N-FP Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
SCD4435N REV A 7/27/00 Plainview NY (516) 694-6700
6
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Specs.
ARX4435N
To Be Assigned
Normally High
Plug In
H009 Macair
ARX4435N-FP
To Be Assigned
Normally High
Flat Pack
H009 Macair
The information contained in this data sheet is believed to be accurate; however, Aeroflex Laboratories Incorporated assumes no
responsibility for its use, and no license or rights are granted by implication or otherise in connection therewith.
1.27
MAX
24
13
12
FLAT PACKAGE
1.10
MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
±0.002
1.27 MAX
0.080 ±0.015
0.009
±0.002
Notes 1. Dimensions shown are in inches.
2. Pins are equally spaced at 0.100±0.002 tolerance non-cumulative each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MAX
2 sides
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
1. TX DATA OUT
2. TX DATA OUT
3. TX GND (+5V)
4. +15V (TX)
5. EXT. DATA THRES
6. INT. DATA THRES
7. RX DATA OUT
8. STROBE
9. RX GND (+5V)
10. RXDATA OUT
11. INT DATA THRES
12. EXT DATA THRES
13. +15V (RX)
14. N.C.
15. RX DATA IN
16. RX DATA IN
17. GND
18. CASE GND
19. -15V (RX)
20. +5V
21. TX INHIBIT
22. TX DATA IN
23. TX DATA IN
24. -15V (TX)
Pin Connections
Pin 1 & ESD
Designator
0.175
Pin 1 & ESD
Designator
Package Configurations and Pinouts
CIR C UIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com
E-Mail: sales-act@aeroflex.com
Plainview New York 11803
Specifications subject to change without notice.


Similar Part No. - ARX4435N-FP

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4435 AEROFLEX-ARX4435 Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
ARX4435-701 AEROFLEX-ARX4435-701 Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
ARX4435-FP AEROFLEX-ARX4435-FP Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
More results

Similar Description - ARX4435N-FP

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4435 AEROFLEX-ARX4435 Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
   Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
ACT4435N AEROFLEX-ACT4435N Datasheet
118Kb / 6P
   Standard Products ACT4435N Transceiver for H009 Specification
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
   Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
ACT4469D AEROFLEX-ACT4469D Datasheet
181Kb / 6P
   Dual Variable Amplitude Transceivers for H009
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
List of Unclassifed Man...
SDM7101 ETC1-SDM7101 Datasheet
182Kb / 9P
   Technical Specification for Optical Transceiver Module
logo
Aeroflex Circuit Techno...
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
   Low Power Driver /Receiver For MIL-STD-1553 & Macair
logo
Fairchild Semiconductor
AN-5015 FAIRCHILD-AN-5015 Datasheet
204Kb / 6P
   Transceiver and Specification Compliance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com