Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-9750 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # AN-9750
Description  High-Power Factor Flyback Converter for LED Driver with
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9750 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  AN-9750 Datasheet HTML 1Page - Fairchild Semiconductor AN-9750 Datasheet HTML 2Page - Fairchild Semiconductor AN-9750 Datasheet HTML 3Page - Fairchild Semiconductor AN-9750 Datasheet HTML 4Page - Fairchild Semiconductor AN-9750 Datasheet HTML 5Page - Fairchild Semiconductor AN-9750 Datasheet HTML 6Page - Fairchild Semiconductor AN-9750 Datasheet HTML 7Page - Fairchild Semiconductor AN-9750 Datasheet HTML 8Page - Fairchild Semiconductor AN-9750 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.fairchildsemi.com
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 5/15/12
AN-9750
High-Power Factor Flyback Converter for LED Driver with
FL7732 PSR Controller
Introduction
This highly integrated PWM controller, FL7732, provides
several features to enhance the performance of low-power
flyback converters. The proprietary topology enables
simplified circuit design for LED lighting applications. By
using single-stage topology with primary-side regulation, a
LED lighting board can be implemented with few external
components and minimized cost, without requiring an input
bulk capacitor and feedback circuitry. To implement high
power factor and low THD, constant on-time control
utilizes an external capacitor connected at the COMI pins.
Precise constant-current control regulates accurate output
current across changes in input voltage and output voltage.
The operating frequency is proportionally changed by the
output voltage to guarantee DCM operation with higher
efficiency and simple design. FL7732 provides protection
functions
such
as
open-LED,
short-LED
and
over-
temperature
protection.
The
current-limit
level
is
automatically reduced to minimize the output current and
protect external components in short-LED condition.
This application note presents practical design consideration
for an LED driver employing Fairchild Semiconductor
PWM PSR controller FL7732. It includes designing the
transformer, selecting the components, and implementing
constant
current
regulation.
The
step-by-step
design
procedure helps engineers design a power supply. The
design procedure is verified through an experimental
prototype converter. Figure 1 shows the typical application
circuit of primary-side controlled flyback converter using
FL7732 created in the design example.
Figure 1. Typical Application Circuit


Similar Part No. - AN-9750

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9752 FAIRCHILD-AN-9752 Datasheet
433Kb / 6P
   Design Guidelines for New-Generation FPS??FSB-Series
More results

Similar Description - AN-9750

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
   High Power Factor Flyback LED Controller with HV Start-up
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
   High Power Factor Flyback LED Controller with HV Start-up
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
Leadtrend Technology
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
   High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
STMicroelectronics
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
   35 W wide-range high power factor flyback converter evaluation
logo
Leadtrend Technology
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
   High Power Factor Primary Side Flyback LED Controller With HV Start-up
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com