Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-9744 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # AN-9744
Description  Smart LED Lamp Driver IC with PFC Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-9744 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  AN-9744 Datasheet HTML 1Page - Fairchild Semiconductor AN-9744 Datasheet HTML 2Page - Fairchild Semiconductor AN-9744 Datasheet HTML 3Page - Fairchild Semiconductor AN-9744 Datasheet HTML 4Page - Fairchild Semiconductor AN-9744 Datasheet HTML 5Page - Fairchild Semiconductor AN-9744 Datasheet HTML 6Page - Fairchild Semiconductor AN-9744 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN-9744
APPLICATION NOTE
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 11/9/12
5
System Verification
Figure 14 shows the recommended circuit of a FL7701
system with just a few components.
Figure 14.
Test Circuit
Figure 15 and Figure 16 show the startup waveforms from a
on FL7701 application in DC and AC input conditions at
220 V with ten LEDs.
Figure 15.
Soft-Start Performance in DC
Input Condition
Figure 16.
Soft-Start Performance in AC
Input Condition
Figure 17 and Figure 18 show performance of FL7701
following
the
input
source
changes
from
high-line
frequency, to lower frequency, then to higher frequency.
Figure 17.
Input Source Changing: 45 Hz to 100 Hz
Figure 18.
Input Source Changing: 100 Hz to 45 Hz
The Figure 19 shows the analog dimming performance with
changing VADIM. The output LED current changes according
to the control voltage.
Figure 19.
VADMIN vs. LED Current
ILED[0.2A/div]
VDRAIN[100V/div]
ILED[0.2A/div]
VDRAIN[100V/div]
VCC[5V/div]
VDRAIN[100V/div]
ILED[0.2A/div]
VCC[5V/div]
VDRAIN[100V/div]
ILED[0.2A/div]


Similar Part No. - AN-9744

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9741 FAIRCHILD-AN-9741 Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
AN-9745 FAIRCHILD-AN-9745 Datasheet
1Mb / 11P
   Design Guide for TRIAC Dimmable LED Driver Using FL7730
More results

Similar Description - AN-9744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
   Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
logo
Fairchild Semiconductor
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
   Smart LED Lamp Driver IC with PFC Function
FLS0116 FAIRCHILD-FLS0116 Datasheet
1Mb / 13P
   MOSFET Integrated Smart LED Lamp Driver IC with PFC Function
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
NXP Semiconductors
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com