Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-E1M32B-100F14C Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT-E1M32B-100F14C
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E1M32B-100F14C Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

  ACT-E1M32B-100F14C Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E1M32B-100F14C Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
9
Ordering Information
Model Number
Screening
Speed
Package
ACT–F1M32B–080F14C
Commercial (0°C to +70°C)
80 nS
CQFP
ACT–F1M32B–100F14C
Commercial (0°C to +70°C)
100 nS
CQFP
ACT–F1M32B–120F14C
Commercial (0°C to +70°C)
120 nS
CQFP
ACT–F1M32B–080F14I
Industrial (-40°C to +85°C)
80 nS
CQFP
ACT–F1M32B–100F14I
Industrial (-40°C to +85°C)
100 nS
CQFP
ACT–F1M32B–120F14I
Industrial (-40°C to +85°C)
120 nS
CQFP
ACT–F1M32B–080F14M
Military (-55°C to +125°C)
80 nS
CQFP
ACT–F1M32B–100F14M
Military (-55°C to +125°C)
100 nS
CQFP
ACT–F1M32B–120F14M
Military (-55°C to +125°C)
120 nS
CQFP
ACT–F1M32B–080F14Q
DESC Drawing Pending
MIL-PRF-38534 Compliant
80 nS
CQFP
ACT–F1M32B–100F14Q
DESC Drawing Pending
MIL-PRF-38534 Compliant
100 nS
CQFP
ACT–F1M32B–120F14Q
DESC Drawing Pending
MIL-PRF-38534 Compliant
120 nS
CQFP
CIRCUIT TECHNOLOGY
Part Number Breakdown
ACT– F
1M 32 B– 080 F14 M
Aeroflex Circuit
Technology
Memory Type
S = SRAM
F = FLASH EEPROM
E = EEPROM
D = Dynamic RAM
Memory Depth, Locations
Pinout Options
Memory Width, Bits
B = Bottom Boot Block (Standard),
T= Top Boot Block (Special Order)
Memory Speed, ns (+5V VCC)
Package Type & Size
Surface Mount Packages
F14 = .94" SQ 68 Lead\Dual-Cavity CQFP
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
Specifications subject to change without notice
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com


Similar Part No. - ACT-E1M32B-100F14C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E128K32C-120F2C AEROFLEX-ACT-E128K32C-120F2C Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2I AEROFLEX-ACT-E128K32C-120F2I Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2M AEROFLEX-ACT-E128K32C-120F2M Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2Q AEROFLEX-ACT-E128K32C-120F2Q Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-E128K32C-120F2T AEROFLEX-ACT-E128K32C-120F2T Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
More results

Similar Description - ACT-E1M32B-100F14C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com