Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-7000SC-240F17I Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT-7000SC-240F17I
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-7000SC-240F17I Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT-7000SC-240F17I Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 12Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 13Page - Aeroflex Circuit Technology ACT-7000SC-240F17I Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
10
Cache Locking
The ACT 7000SC allows critical code or data
fragments to be locked into the primary and
secondary caches. The user has complete control
over what locking is performed with cache line
granularity. For instruction and data fragments in the
primaries, locking is accomplished by setting either or
both of the cache lock enable bits in the CP0 ECC
register, specifying the set via a field in the CP0 ECC
register, and then executing either a load instruction
or a Fill_I cache operation for data or instructions
respectively. Only two sets are lockable within each
cache: set A and set B. Locking within the secondary
works identically to the primaries using a separate
secondary lock enable bit and the same set selection
field. As with the primaries, only two sets are lockable:
sets A and B. Table 7 summarizes the cache locking
capabilities.
Cache Management
To improve the performance of critical data
movement operations in the embedded environment,
the ACT 7000SC significantly improves the speed of
operation of certain critical cache management
operations as compared with the R5000 and R4000
families.
In
particular,
the
speed
of
the
Hit-Write-back-Invalidate and Hit-Invalidate cache
operations has been improved in some cases by an
order of magnitude over that of the earlier families.
Table 8 compares the ACT 7000SC with the R4000
and R5000 processors.
For the Hit-Dirty case of Hit-Writeback-Invalidate, if
the writeback buffer is full from some previous cache
eviction then n is the number of cycles required to
empty the write-back buffer. If the buffer is empty then
n is zero.
The penalty value is the number of processor
cycles beyond the one cycle required to issue the
instruction that is required to implement the operation.
Table 6 – Cache Attributes
Attribute
Instruction
Data
Secondary
Size
16KB
16KB
256KB
Associativity
4-way
4-way
4-way
Replacement Algorithm.
cyclic
cyclic
cyclic
Line size
32 byte
32 byte
32 byte
Index
vAddr 11..0
vAddr 11..0
pAddr 15..0
Tag
pAddr 35..12
pAddr 35..12
pAddr 35..16
Write policy
n.a.
write-back, write-through
block write-back, bypass
read policy
n.a.
non-blocking (2 outstanding) non-blocking (data only, 2
outstanding)
read order
critical word first
critical word first
critical word first
write order
NA
sequential
sequential
miss restart following:
complete line
first double (if waiting for
data)
n.a.
Parity
per word
per byte
per doubleword
Table 7 – Cache Locking Control
Cache
Lock
Enable
Set Select
Activate
Primary I
ECC[27]
ECC[28]=
0A
ECC[28]=
1B
Fill_I
Primary D
ECC[26]
ECC[28]=
0A
ECC[28]=
1B
Load/Store
Secondary
ECC[25]
ECC[28]=
0A
ECC[28]=
1B
Fill_I or
Load/Store
Table 8 – Penalty Cycle
Operation
Condition
Penalty
ACT 7000S
C
R4000/R500
0
Hit-Writebac
k-Invalidate
Miss
0
7
Hit-Clean
3
12
Hit-Dirty
3+n
14+n
Hit-Invalidate Miss
0
7
Hit
2
9


Similar Part No. - ACT-7000SC-240F17I

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACT-14MHZ-C-F ABRACON-ACT-14MHZ-C-F Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-C-S ABRACON-ACT-14MHZ-C-S Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-H-F ABRACON-ACT-14MHZ-H-F Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-H-S ABRACON-ACT-14MHZ-H-S Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACT-14MHZ-J-F ABRACON-ACT-14MHZ-J-F Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
More results

Similar Description - ACT-7000SC-240F17I

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com