Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

68801-4229 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 68801-4229
Description  Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 18AWG pigtails,stripped, Cable Length 0.458m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

68801-4229 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  68801-4229 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/04/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
68801-4229
Status:
Active
Description:
Pico-EZmate™-to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 18AWG pigtails,
stripped, Cable Length 0.458m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
68801
Connector to Connector
Pico-EZmate™-to-Pigtail
Product Name
Pico-EZmate™
UPC
887191283036
Physical
Cable Length
0.458m
Circuits (Loaded)
4
Color - Resin
White
Gender
Male-Pigtail
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Resin
Nylon Alloy
Packaging Type
Bag, Carton
Single Ended
Yes
Wire/Cable Type
UL 1371 VW-1 Fused to UL 1569
Electrical
Current - Maximum per Contact
2.8A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-68801-094
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68801Series
Mates With
Bridgelux Vero Array Holder
This document was generated on 03/04/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 68801-4229

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68801-4225 MOLEX5-68801-4225 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 18AWG pigtails,stripped, Cable Length 0.305m
68801-4226 MOLEX5-68801-4226 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 18AWG pigtails,stripped, Cable Length 0.152m
68801-4227 MOLEX5-68801-4227 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG pigtails, stripped, Cable Length 0.458m
68801-4228 MOLEX5-68801-4228 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 20AWG pigtails,stripped, Cable Length 0.458m
More results

Similar Description - 68801-4229

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68801-4228 MOLEX5-68801-4228 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 20AWG pigtails,stripped, Cable Length 0.458m
68801-4227 MOLEX5-68801-4227 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG pigtails, stripped, Cable Length 0.458m
68801-4225 MOLEX5-68801-4225 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 18AWG pigtails,stripped, Cable Length 0.305m
68801-4226 MOLEX5-68801-4226 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 18AWG pigtails,stripped, Cable Length 0.152m
68801-4085 MOLEX5-68801-4085 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 20AWG pigtails, stripped, Cable Length 0.305m
68801-4146 MOLEX5-68801-4146 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG pigtails, stripped, Cable Length 0.152m
68801-4147 MOLEX5-68801-4147 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG pigtails, stripped, Cable Length 0.305m
68801-4084 MOLEX5-68801-4084 Datasheet
37Kb / 1P
   Pico-EZmate??to-Pigtail cable assembly, 2 Circuits, 28AWG fused to 20AWG pigtails, stripped, Cable Length 0.152m
0688014147 MOLEX1-0688014147 Datasheet
31Kb / 1P
   Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG Pigtails, Stripped
0688014227 MOLEX1-0688014227 Datasheet
31Kb / 1P
   Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG Pigtails, Stripped
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com