Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6106P4-0A2E Datasheet(PDF) 4 Page - Advantech Co., Ltd.

Part # PCA-6106P4-0A2E
Description  6-slot PCI/ISA Backplanes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6106P4-0A2E Datasheet(HTML) 4 Page - Advantech Co., Ltd.

  PCA-6106P4-0A2E Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6106P4-0A2E Datasheet HTML 2Page - Advantech Co., Ltd. PCA-6106P4-0A2E Datasheet HTML 3Page - Advantech Co., Ltd. PCA-6106P4-0A2E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.advantech.com/products
Online Download
PCI/ISA Backplanes
PCA-6119P7-0B3E
ƒ Segments: 1
ƒ Slots: 10 ISA, 7 PCI, 2 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Tsi352-66CQY
ƒ Primary PCI: 3 slots; Secondary PCI: 4 slots
ƒ Ordering Information: PCA-6119P7-0B3E
PCA-6120DP4-0B2E
ƒ Segments: 2
ƒ Slots: 7 ISA, 6 PCI, 2 PICMG/PCI,
4 PICMG
ƒ Size: 420 x 260 mm (16.42" x 10.24")
ƒ Ordering Information: PCA-6120DP4-0B2E
20-slot PCI/ISA Backplanes
Compatible with IPC Chassis : IPC-623, IPC-622, ACP-7360, ACP-5360
PCA-6119P17-0B2E
ƒ Segments: 1
ƒ Slots: 16 PCI, 1 PICMG/PCI, 1 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Dual Pericom PI7C8150BMAE
ƒ Primary PCI: 2 slots; Secondary PCI: 8 slots + 7
slots
ƒ Ordering Information: PCA-6119P17-0B2E
PCA-6120P12-0A2E
ƒ Segments: 1
ƒ Slots: 7 ISA, 11 PCI, 1 PICMG/PCI,
1 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Pericom PI7C8150BMAE
ƒ Primary PCI: 3 slots; Secondary PCI: 9 slots
ƒ Ordering Information: PCA-6120P12-0A2E
PCA-6120P18-0A2E
ƒ Segments: 1
ƒ Slots: 1 ISA, 17 PCI, 1 PICMG/PCI,
1 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ PCI bridge: Three Pericom PI7C8150BMAE
ƒ Secondary: 6 slot/6 slot/6 slot
ƒ Ordering Information: PCA-6120P18-0A2E
PCA-6116QP2-0B2E
ƒ Segments: 4
ƒ Slots: 1 ISA, 8 PCI, 7 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ Ordering Information: PCA-6116QP2-0B2E
PCA-6120Q-0B2E
ƒ Segment: 4
ƒ Slots: 5-5-5-5 ISA
ƒ Size: 417 x 200 mm (16.42" x 7.87")
ƒ Ordering Information: PCA-6120Q-0B2E
PCA-6120P4-0B2E
ƒ Segment: 1
ƒ Slots: 14 ISA, 4 PCI, 2 PICMG
ƒ Size: 417 x 260 mm (16.42" x 10.24")
ƒ Ordering Information: PCA-6120P4-0B2E


Similar Part No. - PCA-6106P4-0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6106P4-0A2E ADVANTECH-PCA-6106P4-0A2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6106P4-0A2E ADVANTECH-PCA-6106P4-0A2E Datasheet
451Kb / 2P
   6-Slot Backplane Card Cage
PCA-6106P4-0A2E ADVANTECH-PCA-6106P4-0A2E Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
PCA-6106P4-0A2E ADVANTECH-PCA-6106P4-0A2E Datasheet
367Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
19-Aug-2015
PCA-6106P4-0A2E ADVANTECH-PCA-6106P4-0A2E_V01 Datasheet
367Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
19-Aug-2015
More results

Similar Description - PCA-6106P4-0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6108P6-0B4E ADVANTECH-PCA-6108P6-0B4E Datasheet
4Mb / 4P
   6-slot PCI/ISA Backplanes
PCA-6106P3-0D2E ADVANTECH-PCA-6106P3-0D2E Datasheet
4Mb / 4P
   6-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E_11 Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E Datasheet
178Kb / 1P
   14-slot PCI/ISA Backplanes
PCA-6119P17-0B2E ADVANTECH-PCA-6119P17-0B2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6114P7-0D3E ADVANTECH-PCA-6114P7-0D3E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6114P10-0B2E ADVANTECH-PCA-6114P10-0B2E Datasheet
4Mb / 4P
   14-slot PCI/ISA Backplanes
PCA-6120P18-0A2E ADVANTECH-PCA-6120P18-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6120P12-0A2E ADVANTECH-PCA-6120P12-0A2E Datasheet
4Mb / 4P
   20-slot PCI/ISA Backplanes
PCA-6119P16X ADVANTECH-PCA-6119P16X Datasheet
226Kb / 1P
   20-slot ISA/PCI Backplanes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com