Electronic Components Datasheet Search |
|
ACT8505-7 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology |
|
ACT8505-7 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology |
4 / 11 page 4 Aeroflex Circuit Technology SCD8505 REV A 10/26/01 Plainview NY (516) 694-6700 Absolute Maximum Ratings 1/ Parameter Range Units Case Operating Temperature Range -55 to +125 °C Storage Temperature Range -55 to +150 °C Supply Voltage +VCC (Pin 44) -VEE (Pin 46) VREF (Pin 48) +20 -20 +20 V V V Digital Input Overvoltage VEN (Pins 5, 6, 91, 92), VA (Pins 93, 95, 1, 3), VC (Pins 2, 4) < VR +4 > GND -4 V V Analog Input Over Voltage VS ±18 V Notes: 1/ All measurements are made with respect to ground. NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may effect device reliability. Recommended Operating Conditions Symbol Parameter Typical Units +VCC +15V Power Supply Voltage +15.0 V -VEE -15V Power Supply Voltage -15.0 V VREF Reference Voltage +5.00 V VAL Logic Low Level +0.8 V VAH Logic High Level +4.0 V DC Electrical Performance Characteristics 1/ (Tc = -55°C to +125°C, +VEE = +15V, -VEE = -15V, VREF = +5.0V, Unless otherwise specified) Parameter Symbol Conditions Min Max Units Supply Current I+ VEN(0-63) = VA(0-3)A = VA(0-1)C = 0 .25 2.5 mA I- VEN(0-63) = VA(0-3)A = VA(0-1)C = 0 -2.5 -.25 mA +ISBY VEN(0-63) = 4V, VA(0-3)A = VA(0-1)C = 0 6/ 0.25 2.5 mA -ISBY VEN(0-63) = 4V, VA(0-3)A = VA(0-1)C = 0 6/-2.5 0.25 mA Address Input Current IAL(0-3)A VA = 0V 1/-4 4 µA IAH(0-3)A VA = 5V 1/-4 4 µA IAL(0-1)C VA = 0V 1/-1 1 µA IAH(0-1)C VA = 5V 1/-1 1 µA Enable Input Current IENL(0-15) VEN(0-15) = 0V -1 1 µA IENH(0-15) VEN(0-15) = 5V -1 1 µA IENL(16-31) VEN(16-31) = 0V -1 1 µA IENH(16-31) VEN(16-31) = 5V -1 1 µA IENL(32-47),(MUXMON) VEN(32-47), VEN(MUXMON) = 0V -2 2 µA IENH(32-47),(MUXMON) VEN(32-47), VEN(MUXMON) = 5V -2 2 µA IENL(48-63) VEN(48-63) = 0V -1 1 µA IENH(48-63) VEN(48-63) = 5V -1 1 µA |
Similar Part No. - ACT8505-7 |
|
Similar Description - ACT8505-7 |