Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98321 Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # 98321
Description  Other AC and DC Meters Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

98321 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  98321 Datasheet HTML 1Page - Honeywell Accelerometers 98321 Datasheet HTML 2Page - Honeywell Accelerometers 98321 Datasheet HTML 3Page - Honeywell Accelerometers 98321 Datasheet HTML 4Page - Honeywell Accelerometers 98321 Datasheet HTML 5Page - Honeywell Accelerometers 98321 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LCD Hour Meters
98000 Series
Operating
Voltage
9 to 64 VDC
Part #
Retainer Mount
98311
98321
Terminals
2 terminal
3 terminal
with enable
4 terminal
resettable
9 to 64 VDC
9 to 64 VDC
98301
Operating
Voltage
9 to 64 VDC
Part #
Round Chrome Bezel
98314
98324
Terminals
2 terminal
3 terminal
with enable
4 terminal
resettable
9 to 64 VDC
9 to 64 VDC
98304
Operating
Voltage
9 to 64 VDC
Part #
Round Black Bezel
98312
98322
Terminals
2 terminal
3 terminal
with enable
4 terminal
resettable
9 to 64 VDC
9 to 64 VDC
98302
LCD Meter
APPLICATIONS
• Garden Tractors
• Generators
• Utility Vehicles
• Construction Equipment
• Material Handling Equipment
• Recreational Vehicles
• Medical
• Electronic Panels
• Rental Equipment
• Boom Lifts
• Pressure Washers
• Sweepers
• Test Equipment
20000 Series Deluxe AC Hour Meters
Square Retainer: Panel
cutout 1.45 x .95
rectangular opening*
Rectangular Retainer:
Panel cutout 1.45 x .95
rectangular opening*
Operating
Voltage
Hertz
Termination
Part #
Rectangular Retainer Mount
108-132 VAC
108-132 VAC
108-132 VAC
108-132 VAC
216-264 VAC
216-264 VAC
216-264 VAC
50
50
60
60
50
50
60
20174
20183
20116
20182
20171
20170
20177
Screw*
Blade**
Screw*
Blade**
Screw*
Blade**
Screw*
Operating
Voltage
Hertz
Termination
Part #
108-132 VAC
108-132 VAC
216-264 VAC
216-264 VAC
50
60
50
60
20176
20115
20173
20179
Screw*
Screw*
Screw*
Screw*
Square Retainer Mount
* UL Listed, CSA Certified and CE Mark
** UL Recognized, CSA Certified and CE Mark
CAUTION: Always make sure power is removed from equipment before working on
electrical circuits! Only qualified personnel should make electrical connections.
Damage to equipment and/or serious bodily injury can result from improperly made
electrical connections, or a failure to adhere to normal electrical safety guidelines.
20000 Series Wiring Diagrams
Single phase, 2 wire,
120V system: Connect
power wire to one terminal
and neutral wire to opposite
terminal.
Single phase, 3 wire,
120/240V system: Connect
any one power wire to one
terminal and the neutral wire to
the opposite terminal.
Three phase, 4 wire wye,
120/208V system: Connect
any one power wire to one
terminal and the neutral wire
to the opposite terminal.
Three phase, 4 wire delta
with a high leg,
120/240V system: Connect
any one of the two available
120V power wires to one
terminal of the meter and the
neutral wire to the opposite
teminal. Do not connect the high
leg (208V) to the meter.
120VAC Meter Applications
Single Phase, 2 wire,
240V system: Connect
power wire to one terminal
and neutral wire to opposite
terminal.
Single phase, 3 wire,
120/240V system: Connect
meter across two high sides of
the line. Do not connect the
neutral wire to the meter.
Three phase, 3 wire delta,
240V system: Connect meter
across any two power lines.
Three phase, 4 wire delta
with a high leg,
120/240V system:
Connect any one power wire to
one terminal of the meter.
Connect one of the remaining
two power lines to the opposite
terminal. Do not connect the
neutral wire to the meter.
240VAC Meter Applications
HM
HM
HM
HM
HM
N
N
N
N
N
HM
N
HM
N
HM
Retainer Mount:
Panel cutout 1.45 x .95
rectangular opening*
Flush Mount (Retainer) 2.27”:
Panel cutout 2.00
diameter opening*
Flush Mount (Retainer) 2.27”:
Panel cutout 2.00
diameter opening*
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
9
4


Similar Part No. - 98321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9832 ETC2-9832 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
logo
B&K Precision Corporati...
9832 BK-9832 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Belden Inc.
9832 BELDEN-9832 Datasheet
158Kb / 2P
   RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9832.060100 BELDEN-9832.060100 Datasheet
158Kb / 2P
   RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9832.0601000 BELDEN-9832.0601000 Datasheet
158Kb / 2P
   RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
More results

Similar Description - 98321

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
   AC-DC converter for electric meters
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
   AC-DC converter for electric meters
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com