Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28101 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # 28101
Description  Other AC and DC Meters Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

28101 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  28101 Datasheet HTML 1Page - Honeywell Accelerometers 28101 Datasheet HTML 2Page - Honeywell Accelerometers 28101 Datasheet HTML 3Page - Honeywell Accelerometers 28101 Datasheet HTML 4Page - Honeywell Accelerometers 28101 Datasheet HTML 5Page - Honeywell Accelerometers 28101 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
85000 Series
Quartz
Plus DC Hour Meters
Operating
Voltage
85331
85000
85094
85013
6.5-16 VDC
10-32 VDC
10-80 VDC
30-110 VDC
Part #
2 Screw
Rectangular Stirrup
Two-Screw Mount: Panel cutout
1.45 x.95 rectangular opening.
Two .150 holes spaced 1.750. *
3 Screw
Retainer Mount
The 85000 Series provides legendary
Hobbs performance and reliability in a
technically advanced quartz package.
The Quartz Plus features a highly reliable
drive mechanism, an improved odometer
gear train, and a snap-together integrated
chassis. The chassis fits into a shockproof,
totally-sealed case made of an engineered
plastic that is impervious to acids and
solvents.
To ensure our high standards of quality, all
parts are in-process inspected. Every
Quartz Plus meter must pass 100% function,
burn-in, and timing accuracy test before
shipping.
Specifications
• 10,000 hour version standard,
with automatic recycle to zero
• Temperature range: - 40° F to +185° F
- 40° C to +85° C
• Quartz accuracy: ±200ppm, ±0.02%
(entire voltage and temperature range)
• Operating voltage range: 5-110 VDC
(Voltage range covered by 85000 Series line)
• Precision built relay driven odometer
• Excellent vibration & shock resistance:
Vibration: 20 g’s @ 10-80Hz (SAE J1378)
10 g’s (per MIL-M-3971)
Shock: 55 g’s @ 9-13msec (SAE J1378)
75 g’s (per MIL-M-3971)
• Transient Voltage Protection
Alternator load dump: 150V
EMI (Electromagnetic Interference): +400V @ 500Hz
Inductive switching and reverse polarity
• Standard terminals: 1/4” male blade
• Lens material: Glass
• Case material: Polyester
• Number size: 0.12” (3mm)
Three-Screw Mount: Panel cutout
2.00 diameter opening. Three .150
holes equally spaced on 2.53 bolt
circle diameter.*
Rectangular Stirrup: Panel cutout
1.45 x .95 rectangular opening.*
Retainer Mount: Panel cutout
1.45 x .95 rectangular opening.*
Operating
Voltage
85001
85097
85014
10-32 VDC
10-80 VDC
30-110 VDC
Part #
Operating
Voltage
85010
85023
10-32 VDC
30-110 VDC
Part #
Operating
Voltage
82001
82320
10-32 VDC
10-80 VDC
Part #
Features
• Custom CMOS integrated circuit
• Indicates operating time in hours
and tenths, plus has a running indicator
• Totally-sealed
• Battery system voltages:
6,12,24,36,48,60,72,and 80 VDC
• UL Recognized (File number AU1774)
• CSA Certified (File number LR42455-12)
• Conforms to MIL-M-3971
Options:
Custom logos, polycarbonate lenses, and
various bezels. Wire, stud, blade, and
screw terminals. 100,000 hour, R-Terminal
and filtered versions available too.
Flush Mount (Cup)
2.27”: Panel cutout
2.00 diameter opening.*
85000 Series Wiring Diagrams (Polarity Sensitive)
85000 Series Quartz
Plus DC Hour Meters
Flush Mount (Stirrup)
2.5”: Panel cutout
2.00 diameter opening.*
Part #
Flush Cup
2.27”
85004
85017
Part #
Stirrup
2.27”
Part #
Flush Cup
2.50”
Part #
Stirrup
2.50”
85002
85342
85015
85006
85098
85019
85008
85021
Operating
Voltage
10-32 VDC
10-80 VDC
30-110 VDC
Flush Mount (Stirrup)
2.27”: Panel cutout
2.00 diameter opening.*
Flush Mount (Cup)
2.5”: Panel cutout
2.00 diameter opening.*
Operating
Voltage
10-32 VDC
10-80 VDC
30-110 VDC
85005
85018
85003
85093
85016
85007
85099
85020
85009
85022
DC
APPLICATIONS
• Lawn Tractors
• Garden Tractors
• Farm Equipment
• Gen Sets
• Construction
Equipment
• Utility Vehicles
• Industrial
Equipment
• Recreational
Vehicles
• Golf Carts
• Aircraft
• Medical Equipment
• Office Equipment
• Any application
requiring a very
accurate and
dependable hour
meter.
CAUTION: Always make sure power is removed from equipment before working on
electrical circuits! Only qualified personnel should make electrical connections.
Damage to equipment and/or serious bodily injury can result from improperly made
electrical connections, or a failure to adhere to normal electrical safety guidelines
+
+
Round Chrome Bezel
Round Black Bezel
Part #
Flush Cup
2.27”
Part #
Stirrup
2.27”
Part #
Flush Cup
2.50”
Part #
Stirrup
2.50”
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
7
6


Similar Part No. - 28101

ManufacturerPart #DatasheetDescription
logo
Littelfuse
281010 LITTELFUSE-281010 Datasheet
181Kb / 1P
   Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Tyco Electronics
281018 MACOM-281018 Datasheet
78Kb / 1P
   AMPMODU MOD, II REC, HSG, DOUBLE ROW, CRIMP SNAP-IN
281019-2 MACOM-281019-2 Datasheet
156Kb / 1P
   AMPMODU II HEADER ASS, IES, STRAIGHT, DOUBLE ROW
logo
Vishay Siliconix
28101E3 VISHAY-28101E3 Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
More results

Similar Description - 28101

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
   AC-DC converter for electric meters
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
   AC-DC converter for electric meters
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com