Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT7005 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT7005 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
6
Taps at N1:N3 For
Stub Coupling
(See Table)
CT
}
Figure 2 – Transformer Configuration
B
A
For
Direct
Coupling
0.75ZO
(N1 : N2)
(See Table)
TURNS RATIO
ACT7005/7006
N1:N2
1:2.5
N1:N3
1:1.79
Technitrol Part #
T-1553-45
ACT7005/7006
CH A/B
CH A/B
GND
TX DATA
TX DATA
C
0.75ZO


Similar Part No. - ACT7005

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
   4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
   ACT 7000SC 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT7005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6402 AD-AD6402 Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
AD6402 AD-AD6402_15 Datasheet
105Kb / 8P
   IF Transceiver Subsystem
REV. 0
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
   Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
   Single/dual USB port charging protocol IC
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
   Single/dual USB port charging protocol IC
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
logo
Keysight Technologies
DDR4-FUNCTIONAL KEYSIGHT-DDR4-FUNCTIONAL Datasheet
3Mb / 10P
   DDR4 Functional/Protocol Debug and Analysis Reference Solution
logo
Analog Devices
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
logo
Adlink Technology Inc.
CPCIS-2642 ADLINK-CPCIS-2642 Datasheet
229Kb / 2P
   Dual 3U CompactPCI Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com