Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02011K4R7PBSTR Datasheet(PDF) 2 Page - AVX Corporation

Part # 02011K4R7PBSTR
Description  High purity of electrodes for very low and repeatable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02011K4R7PBSTR Datasheet(HTML) 2 Page - AVX Corporation

  02011K4R7PBSTR Datasheet HTML 1Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 2Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 3Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 4Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 5Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 6Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 7Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 8Page - AVX Corporation 02011K4R7PBSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
7
1
Accu-F
® / Accu-P®
Thin-Film Chip Capacitors
ACCU-F® TECHNOLOGY
The use of very low-loss dielectric materials, silicon dioxide
and silicon oxynitride, in conjunction with highly conductive
electrode metals results in low ESR and high Q. These
high-frequency characteristics change at a slower rate with
increasing frequency than for ceramic microwave capacitors.
Because of the thin-film technology, the above-mentioned
frequency characteristics are obtained without significant
compromise of properties required for surface mounting.
The main Accu-F
® properties are:
• Internationally agreed sizes with excellent dimensional
control.
• Small size chip capacitors (0603) are available.
• Tight capacitance tolerances.
• Low ESR at VHF, UHF and microwave frequencies.
• High stability with respect to time, temperature, frequency
and voltage variation.
• Nickel/solder-coated terminations to provide excellent
solderability and leach resistance.
ACCU-F® FEATURES
Accu-F
®
meets the fast-growing demand for low-loss
(high-Q) capacitors for use in surface mount technology espe-
cially for the mobile communications market, such as cellular
radio of 450 and 900 MHz, UHF walkie-talkies, UHF cordless
telephones to 2.3 GHz, low noise blocks at 11-12.5 GHz and
for other VHF, UHF and microwave applications.
Accu-F
®
is currently unique in its ability to offer very
low capacitance values (0.1pF) and very tight capacitance
tolerances (±0.05pF). Typically Accu-F
® will be used in small
signal applications in VCO’s, matching networks, filters, etc.
Inspection test and quality control procedures in accordance
with ISO 9001, CECC, IECQ and USA MIL Standards yield
products of the highest quality.
APPLICATIONS
Cellular Communications
CT2/PCN (Cordless
Telephone/Personal Comm.
Networks)
Satellite TV
Cable TV
GPS (Global Positioning Systems)
Vehicle Location Systems
Vehicle Alarm Systems
Paging
Military Communications
Radar Systems
Video Switching
Test & Measurements
Filters
VCO’s
Matching Networks
APPROVALS
ISO 9001
ACCU-P® TECHNOLOGY
As in the Accu-F
®
series the use of very low-loss dielectric
materials (silicon dioxide and silicon oxynitride) in conjunction
with highly conductive electrode metals results in low ESR and
high Q. At high frequency these characteristics change at
a slower rate with increasing frequency than conventional
ceramic microwave capacitors. Using thin-film technology, the
above-mentioned frequency characteristics are obtained with-
out significant compromise of properties required for surface
mounting. The use of high thermal conductivity materials
results in excellent RF power handling capabilities.
The main Accu-P
® properties are:
• Enhanced RF power handling capability.
• Improved mechanical characteristics.
• Internationally agreed sizes with excellent dimensional control.
• Ultra Small size chip capacitors (0201) are available.
• Tight capacitance tolerances.
• Low ESR at UHF, VHF, and microwave frequencies.
• High-stability with respect to time, temperature, frequency
and voltage variation.
• High temperature nickel/solder-coated terminations as stan-
dard to provide excellent solderability and leach resistance.
ACCU-P® FEATURES
• Minimal batch to batch variability of parameters at high fre-
quency.
• The Accu-P
® has the same unique features as the Accu-F®
capacitor such as low ESR, high Q, availability of very low
capacitance values and very tight capacitance tolerances.
• The RF power handling capability of the Accu-P
® allows for
its usage in both small signal and RF power applications.
• Inspection, test and quality control procedures in accor-
dance with ISO 9001, CECC, IECQ and USA MIL Standards
guarantee product of the highest quality.
• Hand soldering Accu-P
®: Due to their construction
utilizing relatively high thermal conductivity materials,
Accu-P’s have become the preferred device in R & D labs
and production environments where hand soldering is used.
Accu-P’s are available in all sizes and are electrically identi-
cal to their Accu-F counterparts.
APPLICATIONS
Cellular Communications
CT2/PCN (Cordless
Telephone/Personal Comm.
Networks)
Satellite TV
Cable TV
GPS (Global Positioning Systems)
Vehicle Location Systems
Vehicle Alarm Systems
Paging
Military Communications
Radar Systems
Video Switching
Test & Measurements
Filters
VCO's
Matching Networks
RF Amplifiers
APPROVALS
ISO 9001


Similar Part No. - 02011K4R7PBSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02011K4R7PBSTR AVX-02011K4R7PBSTR Datasheet
458Kb / 20P
   Thin-Film Technology
02011K4R7PBSTR500 AVX-02011K4R7PBSTR500 Datasheet
1Mb / 25P
   Thin-Film Technology
More results

Similar Description - 02011K4R7PBSTR

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR53 MERCURY-HSR53 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com