Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4808LDI Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4808LDI
Description  ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808LDI Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4808LDI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808LDI Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aeroflex Circuit Technology
SCD4808 REV E 12/9/99
Plainview NY (516) 694-6700
2
inputs are held low or high, the
transmitter output becomes a high
impedance and is “removed” from
the line. In addition, an overriding
“INHIBIT" input provides for the
removal of the transmitter output
from the line. A logic “1” applied to
the “INHIBIT” takes priority over the
condition of the data inputs and
disables
the
transmitter.
(See
Transmitter
Logic
Waveforms,
Figure 1.)
The transmitter utilizes an active
filter to suppress harmonics above
1 MHz to meet Macair specifications
A-3818,
A-4905,
A-5232
and
A-5690. The transmitter may be
safely operated for an indefinite
period at 100% duty cycle into a
data bus short circuit (Pt. A-A’).
Receiver
The
Receiver
section
accepts
bi-phase differential data at the input
and produces two TTL signals at the
output. The outputs are DATA and
DATA, and represent positive and
negative excursions of the input
beyond a pre-determined threshold.
(See Receiver Logic Waveforms,
Figure 2.)
The internal threshold is nominally
set
to
detect
data
bus
signals
exceeding 1.10 Volts P-P and reject
signals less than 0.6 Volts P-P
when used with a 1:1 turns ratio
transformer. (See Figure 4 for
transformer
data
and
typical
connection.)
A low level at the Strobe input
inhibits
the
DATA
and
DATA
outputs.
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
NOTES:
2. DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them.
3. DATA and DATA must be in the same state during off time (both high or low).
Figure 1 – Transmitter Logic Waveforms
Figure 2 – Receiver Logic Waveforms
Note overlap
NOTE: Waveforms shown are for normally low devices. For normally high receiver output
devices, the receiver outputs are swapped as shown by the dashed lines
level
LINE TO LINE
INPUT
DATA OUT
DATA OUT
1. Line to line waveforms illustrate Macair signals, MIL-STD-1553 signals are trapezoidal


Similar Part No. - ACT4808LDI

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-D AEROFLEX-ACT4808N-D Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-DF AEROFLEX-ACT4808N-DF Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-DFI AEROFLEX-ACT4808N-DFI Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ACT4808N-DI AEROFLEX-ACT4808N-DI Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results

Similar Description - ACT4808LDI

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
   VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
   ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
   ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
   ACT4468D Dual Transceivers for MIL-STD-1553
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com