Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT5260 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT5260
Description  ACT5260PC-P10-POD FR4 Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5260 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT5260 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aeroflex Circuit Technology
SCD5260PC REV A 9/15/97 Plainview NY (516) 694-6700
10
Ordering Information
Model Number
ACT5260PC-P10-POD
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
CIRCUIT TECHNOLOGY
CIRCUIT TECHNOLOGY
Specification subject to change without notice
1.840
1.880
1.700
BSC
1.700
BSC
1.840
1.880
BSC
.100
.375
MAX
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
Bottom View
Side View
Package Outline
.018
.050
.180


Similar Part No. - ACT5260

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT5260

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2099AR SONY-CXD2099AR Datasheet
105Kb / 1P
   COMMON INTERFACE/POD CONTROLLER
logo
Adels-Contact
157011O ADELS-157011O Datasheet
122Kb / 1P
   LEDtrack POD/11 OT
157011U ADELS-157011U Datasheet
124Kb / 1P
   LEDtrack POD/11 UT
logo
PHOENIX CONTACT
0825129 PHOENIX-0825129 Datasheet
60Kb / 2P
   SK 5,0 REEL P10 WH CUS
logo
Adels-Contact
157011G ADELS-157011G Datasheet
123Kb / 1P
   LEDtrack POD/11 GEH
logo
YAGEO Corporation
ANT1204F002R0433A YAGEO-ANT1204F002R0433A Datasheet
489Kb / 6P
   FR4 Chip Antenna
logo
Taoglas antenna solutio...
PC31.07.0050A TAOGLAS-PC31.07.0050A Datasheet
429Kb / 7P
   High Efficiency FR4 Antenna
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
logo
3M Electronics
P10-010PLT 3M-P10-010PLT Datasheet
59Kb / 2P
   3M Board Stacking Connector System, P10 Series
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com