Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

229.500 Datasheet(PDF) 1 Page - Littelfuse

Part # 229.500
Description  Axial Lead and Cartridge Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

229.500 Datasheet(HTML) 1 Page - Littelfuse

  229.500 Datasheet HTML 1Page - Littelfuse 229.500 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
397
www .littelfuse .com
Subminiature Glass Body
2AG Slo-Blo® Fuse 229/230 Series
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
Average Time Current Curves
The 2AG Slo-Blo® fuses are available in cartridge form or with axial
leads. Axial leaded fuses are board washable. 2AG fuses provide the
same performance characteristics as their 3AG counterpart, while
occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
1
00%
4 hours, Minimum
135%
1 hour, Maximum
200%
3 seconds, Minimum
20 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 3.5 amperes. Recognized under the
Components Program of Underwriters Laboratories from 4 through 7
amperes. 1 through 7 amperes approved by METI.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
0.25–3.5A
10,000 amperes at 125VAC
4–7A
400 amperes at 125VAC
0.25–1A
35 amperes at 250VAC
1.25–3.5A
100 amperes at 250VAC
PACKAGING OPTIONS: 230 Series available on Tape and Reel per
EIA-296. For 1500 pieces per reel, add packaging suffix DRT1W. See
page 8 for pitch dimensions. 229 and 230 series available in bulk pack-
aging. For 1000 pieces bulk, add packaging suffix M.
229 000 Series
230 000 Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.7 (.184")
0.635
(.025")
38.1
(1.50") TYP.
Axial Lead Material: Solder coated copper.
®
UL
®
®
ORDERING INFORMATION:
Cartridge
Axial Lead
Nominal
Nominal
Catalog
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
229.250
230.250
1/4
250
2.41
0.216
229.350
230.350
.350
250
1.30
0.490
229.375
230.375
3/8
250
0.580
229.500
230.500
1/2
250
0.688
1.16
229.600
230.600
6/10
250
0.477
1.75
229.750
230.750
3/4
250
0.340
2.95
229.800
230.800
8/10
250
0.304
3.45
229 001
230 001
1
250
5.64
229 1.25
230 1.25
11/4
250
0.145
9.80
229 01.5
230 01.5
11/2
250
0.107
15.0
229 002
230 002
2
250
0.0692
30.0
229 2.25
230 2.25
21/4
250
0.0562
39.0
229 02.5
230 02.5
21/2
250
0.0498
50.0
229 003
230 003
3
250
0.0380
77.0
229 03.5
230 03.5
31/2
250
0.0310
110.0
229 004
230 004
4
125
0.0256
148.0
229 005
230 005
5
125
0.0185
267.0
229 006
230 006
6
125
0.0140
380.0
229 007
230 007
7
125
0.0115
464.0
11


Similar Part No. - 229.500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229.500 LITTELFUSE-229.500 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
229.500P LITTELFUSE-229.500P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
More results

Similar Description - 229.500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com