Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02013A101JAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 02013A101JAT2A
Description  Commercial Surface Mount Chips
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02013A101JAT2A Datasheet(HTML) 3 Page - AVX Corporation

  02013A101JAT2A Datasheet HTML 1Page - AVX Corporation 02013A101JAT2A Datasheet HTML 2Page - AVX Corporation 02013A101JAT2A Datasheet HTML 3Page - AVX Corporation 02013A101JAT2A Datasheet HTML 4Page - AVX Corporation 02013A101JAT2A Datasheet HTML 5Page - AVX Corporation 02013A101JAT2A Datasheet HTML 6Page - AVX Corporation 02013A101JAT2A Datasheet HTML 7Page - AVX Corporation 02013A101JAT2A Datasheet HTML 8Page - AVX Corporation 02013A101JAT2A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
2
How to Order
Part Number Explanation
Commercial Surface Mount Chips
EXAMPLE: 08055A101JAT2A
0805
Size
(L" x W")
0201
0402
0603
0805
1206
1210
1812
1825
2220
2225
5
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D = 35V
5 = 50V
1 = 100V
2 = 200V
7 = 500V
A
Dielectric
A = NP0(C0G)
C = X7R
D = X5R
F = X8R
G = Y5V
U = U Series
W = X6S
Z = X7S
101
Capacitance
2 Sig. Fig +
No. of Zeros
Examples:
100 = 10 pF
101 = 100 pF
102 = 1000 pF
223 = 22000 pF
224 = 220000 pF
105 = 1µF
106 = 10µF
107 = 100µF
For values below
10 pF, use “R”
in place of
Decimal point, e.g.,
9.1 pF = 9R1.
J*
Tolerance
B = ±.10 pF
C = ±.25 pF
D = ±.50 pF
F = ±1% (
≥ 10 pF)
G = ±2% (
≥ 10 pF)
J = ±5%
K = ±10%
M = ±20%
Z = +80%, -20%
P = +100%, -0%
A
Failure
Rate
A = N/A
4 = Automotive
T
Terminations
T = Plated Ni
and Sn
7 = Gold Plated
U = Conductive
Expoxy for
Hybrid
Applications
Z = FLEXITERM®
X = FLEXITERM®
with 5% min
lead (X7R &
X8R only)
Contact
Factory For
1 = Pd/Ag Term
2
Packaging
Available
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory For
Multiples
A
Special
Code
A = Std.
High Voltage MLC Chips
EXAMPLE: 1808AA271KA11A
Contact Factory for
Special Voltages
* B, C & D tolerance for
≤10 pF values.
Standard Tape and Reel material (Paper/Embossed) depends upon chip
size and thickness.
See individual part tables for tape material type for each capacitance value.
1808
AVX
Style
0805
1206
1210
1808
1812
1825
2220
2225
3640
A
Voltage
C = 600V/630V
A = 1000V
S = 1500V
G = 2000V
W = 2500V
H = 3000V
J = 4000V
K = 5000V
A
Temperature
Coefficient
A = C0G
C = X7R
271
Capacitance
Code
(2 significant digits
+ no. of zeros)
Examples:
K
Capacitance
Tolerance
A
Failure
Rate
A=Not
Applicable
T1
Packaging/
Marking
1 = 7" Reel
3 = 13" Reel
9 = Bulk
A
Special
Code
A = Standard
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 µF = 105
C0G:
J = ±5%
K = ±10%
M = ±20%
X7R: K = ±10%
M = ±20%
Z = +80%,
-20%
F = 63V
* = 75V
E = 150V
V = 250V
9 = 300V
X = 350V
8 = 400V
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
For Tin/Lead Terminations, please refer to LD Series
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
For Tin/Lead Terminations, please refer to LD Series
Termination
1= Pd/Ag
T = Plated Ni
and Sn
B = 5% Min Pb
Z = FLEXITERM®
X = FLEXITERM®
with 5% min
lead (X7R only)


Similar Part No. - 02013A101JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013A100CAT2A AVX-02013A100CAT2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
02013A100DAQ2A AVX-02013A100DAQ2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
02013A100DAT2A AVX-02013A100DAT2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
02013A100GAT2A AVX-02013A100GAT2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
02013A100JAQ2A AVX-02013A100JAQ2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results

Similar Description - 02013A101JAT2A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
4038 MICRONETICS-4038 Datasheet
33Kb / 1P
   COMMERCIAL SURFACE MOUNT DETECTOR
logo
SeCoS Halbleitertechnol...
SCS202NF SECOS-SCS202NF Datasheet
668Kb / 2P
   Dual Series Chips Surface Mount Switching Diode
SCS202PD SECOS-SCS202PD Datasheet
728Kb / 3P
   Dual Series Chips Surface Mount Switching Diode
SCS202PF SECOS-SCS202PF Datasheet
684Kb / 3P
   Dual Series Chips Surface Mount Switching Diode
BAV70 SECOS-BAV70 Datasheet
261Kb / 2P
   Dual Chips Common Cathode Surface Mount Switching Diode
BAW56 SECOS-BAW56_15 Datasheet
504Kb / 2P
   Dual Chips Common Anode Surface Mount Switching Diode
BAV70W SECOS-BAV70W_15 Datasheet
506Kb / 3P
   Dual Chips Common Cathode Surface Mount Switching Diode
logo
Vishay Siliconix
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision 07-Feb-02
logo
Pasternack Enterprises,...
PE1V11008 PASTERNACK-PE1V11008 Datasheet
655Kb / 8P
   0.5 inch Commercial Surface Mount Voltage
logo
Vishay Siliconix
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 22-Dec-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com